データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMA3016-QFN データシート(PDF) 2 Page - Filtronic Compound Semiconductors

部品番号 FMA3016-QFN
部品情報  3.5GHz High Power Amplifier for WiMAX applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FILTRONIC [Filtronic Compound Semiconductors]
ホームページ  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3016-QFN データシート(HTML) 2 Page - Filtronic Compound Semiconductors

  FMA3016-QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Preliminary Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Preliminary Datasheet v2.1
FMA3016-QFN
ABSOLUTE MAXIMUM RATINGS:
PACKAGE PIN OUT
Note: Exceeding any one of these absolute
maximum ratings may cause permanent
damage to the device.
PACKAGE LAYOUT:
THERMAL INFORMATION
Parameter
Test Conditions
Tch
(°C)
RθJC
(°C/W)
RθJC Thermal Resistance
(Channel to backside of package)
Vd = 8 V
ID = 1.2 A
Pdiss = 9.6 W
140
6
PARAMETER
SYMBOL
ABSOLUTE
MAXIMUM
Max Input
Power
Pin
+32dBm
Drain Bias
Voltage
+15V
Storage Temp
Tstor
-55°C to +150°C


同様の部品番号 - FMA3016-QFN

メーカー部品番号データシート部品情報
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
More results

同様の説明 - FMA3016-QFN

メーカー部品番号データシート部品情報
logo
TriQuint Semiconductor
TGA2703-SM TRIQUINT-TGA2703-SM_15 Datasheet
458Kb / 15P
   3.5GHz WiMAX Driver Power Amplifier
TGA2703-SM TRIQUINT-TGA2703-SM Datasheet
291Kb / 14P
   3.5GHz WiMAX Driver / Power Amplifier
logo
ATMEL Corporation
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
   3.5GHz WiMAX Transceiver
logo
Analog Devices
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
   WiMAX Power Amplifier
REV. 0
logo
California Eastern Labs
UPG2409T6X CEL-UPG2409T6X Datasheet
418Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
logo
TriQuint Semiconductor
TGA2702-SM TRIQUINT-TGA2702-SM Datasheet
291Kb / 14P
   2.5GHz WiMAX Driver / Power Amplifier
logo
California Eastern Labs
UPG2409TB CEL-UPG2409TB Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409T6X CEL-UPG2409T6X_09 Datasheet
418Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409TB CEL-UPG2409TB_09 Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
logo
Toshiba Semiconductor
2SC1164 TOSHIBA-2SC1164 Datasheet
60Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com