データシートサーチシステム |
|
DLZ-13CA データシート(PDF) 2 Page - Protek Devices |
|
DLZ-13CA データシート(HTML) 2 Page - Protek Devices |
2 / 4 page DLZ-5 thru DLZ-30CA 2 05008.R7 2/07 www.protekdevices.com DEVICE CHARACTERISTICS Operating Temperature SYMBOL VALUE -55 to 150 °C °C -55 to 150 UNITS T L T STG PARAMETER Storage Temperature Peak Pulse Power (t p = 8/20µs) - See Figure 1 PPP 1300 Watts MAXIMUM RATINGS @ 25°C Unless Otherwise Specified Forward Surge Rating (1/20 seconds) - Unidirectional Only I F 10 Amps Note 1: Part numbers with a “C” suffix are bidirectional devices, i.e., DLZ-8C. PART NUMBER (See Note 1) RATED STAND-OFF VOLTAGE V WM VOLTS MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ I P = 1A V C VOLTS MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @8/20µs VC @ IPP MAXIMUM LEAKAGE CURRENT @V WM I D µA TEMPERATURE COEFFICIENT OF V (BR) qV (BR) mV/°C DLZ-5 DLZ-5A DLZ-12 DLZ-12A DLZ-17 DLZ-17A DLZ-24 DLZ-24A DLZ-30 DLZ-30A DLZ-8C DLZ-13C DLZ-13CA DLZ-19C DLZ-19CA DLZ-30C DLZ-30CA 5.0 5.0 12.0 12.0 17.0 17.0 24.0 24.0 30.0 30.0 8.0 13.0 13.0 19.0 19.0 30.0 30.0 10.2 9.5 21.1 19.1 30.4 27.5 42.3 38.3 52.8 47.8 13.4 22.8 20.6 34.2 31.0 52.8 47.8 19.2V @ 66A 18.1V @ 70A 33.0V @ 41A 28.0V @ 48A 40.0V @ 33A 37.4V @ 35A 62.4V @ 21A 50.5V @ 26A 62.9V @ 21A 60.0V @ 24A 29.0V @ 45A 34.0V @ 39A 31.0V @ 43A 47.6V @ 28A 40.5V @ 33A 68.7V @ 19A 62.5V @ 21A 200 200 2 2 2 2 2 2 2 2 10 4 4 4 4 4 4 5 5 18 18 20 20 31 31 39 39 9 18 18 24 24 39 39 MAXIMUM CAPACITANCE 0V @ 1 MHz C pF 880 880 440 440 330 330 275 275 220 220 440 385 385 275 275 165 165 MINIMUM BREAKDOWN VOLTAGE @ 1mA V (BR) VOLTS 6.0 6.0 13.3 13.3 19.2 19.2 26.7 26.7 33.3 33.3 8.5 14.4 14.4 21.6 21.6 33.3 33.3 ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified |
同様の部品番号 - DLZ-13CA |
|
同様の説明 - DLZ-13CA |