データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7521 データシート(PDF) 8 Page - Intersil Corporation

部品番号 AD7521
部品情報  10-Bit, 12-Bit, Multiplying D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7521 データシート(HTML) 8 Page - Intersil Corporation

Back Button AD7521 Datasheet HTML 2Page - Intersil Corporation AD7521 Datasheet HTML 3Page - Intersil Corporation AD7521 Datasheet HTML 4Page - Intersil Corporation AD7521 Datasheet HTML 5Page - Intersil Corporation AD7521 Datasheet HTML 6Page - Intersil Corporation AD7521 Datasheet HTML 7Page - Intersil Corporation AD7521 Datasheet HTML 8Page - Intersil Corporation AD7521 Datasheet HTML 9Page - Intersil Corporation AD7521 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Die Characteristics
DIE DIMENSIONS:
101 mils x 103 mils (2565
µm x 2616µm)
METALLIZATION:
Type: Pure Aluminum
Thickness: 10
±1kÅ
PASSIVATION:
Type: PSG/Nitride
PSG: 7
±1.4kÅ
Nitride: 8
±1.2kÅ
PROCESS:
CMOS Metal Gate
Metallization Mask Layout
AD7521
PIN 3
GND
PIN 2
IOUT2
PIN 1
IOUT1
PIN 18
RFEEDBACK
PIN 17
VREF
PIN 16
V+
PIN 12
PIN 4
BIT 1
(MSB)
PIN 5
BIT 2
PIN 6
BIT 3
PIN 7
BIT 4
PIN 11
BIT 8
PIN 10
BIT 7
PIN 9
BIT 6
PIN 8
BIT 5
BIT 9
PIN 13
BIT 10
PIN 14
BIT 11
PIN 15
BIT 12
(LSB)
AD7520, AD7521


同様の部品番号 - AD7521

メーカー部品番号データシート部品情報
logo
Intersil Corporation
AD7521 INTERSIL-AD7521 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Analog Devices
AD7521 AD-AD7521 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7521 INTERSIL-AD7521 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
AD7521 RENESAS-AD7521 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
National Semiconductor ...
AD7521JD NSC-AD7521JD Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results

同様の説明 - AD7521

メーカー部品番号データシート部品情報
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com