データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7521 データシート(PDF) 10 Page - Intersil Corporation

部品番号 AD7521
部品情報  10-Bit, 12-Bit, Multiplying D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7521 データシート(HTML) 10 Page - Intersil Corporation

Back Button AD7521 Datasheet HTML 2Page - Intersil Corporation AD7521 Datasheet HTML 3Page - Intersil Corporation AD7521 Datasheet HTML 4Page - Intersil Corporation AD7521 Datasheet HTML 5Page - Intersil Corporation AD7521 Datasheet HTML 6Page - Intersil Corporation AD7521 Datasheet HTML 7Page - Intersil Corporation AD7521 Datasheet HTML 8Page - Intersil Corporation AD7521 Datasheet HTML 9Page - Intersil Corporation AD7521 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at website www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice.
Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. How-
ever, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
AD7520, AD7521
Dual-In-Line Plastic Packages (PDIP)
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between English and
Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated in
JEDEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 inch (0.25mm).
6. E and
are measured with the leads constrained to be perpendic-
ular to datum
.
7. eB and eC are measured at the lead tips with the leads unconstrained.
eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions. Dambar
protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3,
E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
eA
-C-
CL
E
eA
C
eB
eC
-B-
E1
INDEX
12 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C A
M
BS
E18.3 (JEDEC MS-001-BC ISSUE D)
18 LEAD DUAL-IN-LINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.845
0.880
21.47
22.35
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N18
18
9
Rev. 0 12/93


同様の部品番号 - AD7521

メーカー部品番号データシート部品情報
logo
Intersil Corporation
AD7521 INTERSIL-AD7521 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Analog Devices
AD7521 AD-AD7521 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7521 INTERSIL-AD7521 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
AD7521 RENESAS-AD7521 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
National Semiconductor ...
AD7521JD NSC-AD7521JD Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results

同様の説明 - AD7521

メーカー部品番号データシート部品情報
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com