データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC817-16-7-F データシート(PDF) 1 Page - Diodes Incorporated

部品番号 BC817-16-7-F
部品情報  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC817-16-7-F データシート(HTML) 1 Page - Diodes Incorporated

  BC817-16-7-F Datasheet HTML 1Page - Diodes Incorporated BC817-16-7-F Datasheet HTML 2Page - Diodes Incorporated BC817-16-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC817-16 / -25 / -40
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Features
Ideally Suited for Automatic Insertion
Epitaxial Planar Die Construction
For Switching, AF Driver and Amplifier
Applications
Complementary PNP Types Available (BC807)
Lead Free/RoHS Compliant (Note 3)
Qualified to AEC-Q101 Standards for High
Reliability
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method
208
Lead Free Plating (Matte Tin Finish annealed
over Alloy 42 leadframe).
Pin Connections: See Diagram
Marking (See Page 3):
BC817-16 K6A
BC817-25 K6B
BC817-40 K6C
Ordering & Date Code Information: See Page 3
Weight: 0.008 grams (approximate)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
800
mA
Peak Collector Current
ICM
1000
mA
Peak Emitter Current
IEM
1000
mA
Power Dissipation at TSB = 50°C (Note 1)
Pd
310
mW
Thermal Resistance, Junction to Substrate Backside (Note 1)
RθSB
320
°C/W
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
403
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic (Note 2)
Symbol
Min
Max
Unit
Test Condition
DC Current Gain
Current Gain Group -16
-25
-40
Current Gain Group -16
-25
-40
hFE
100
160
250
60
100
170
250
400
600
VCE = 1.0V, IC = 100mA
VCE = 1.0V, IC = 300mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.7
V
IC = 500mA, IB = 50mA
B
Base-Emitter Voltage
VBE
1.2
V
VCE = 1.0V, IC = 300mA
Collector-Emitter Cutoff Current
ICES
100
5.0
nA
µA
VCE = 45V
VCE = 25V, Tj = 150°C
Emitter-Base Cutoff Current
IEBO
100
nA
VEB = 4.0V
Gain Bandwidth Product
fT
100
MHz
VCE = 5.0V, IC = 10mA,
f = 50MHz
Collector-Base Capacitance
CCBO
12
pF
VCB = 10V, f = 1.0MHz
Notes:
1.
Device mounted on Ceramic Substrate 0.7mm; 2.5cm
2 area.
2.
Short duration pulse test used to minimize self-heating effect.
3.
No purposefully added lead.
DS11107 Rev. 15 - 2
1 of 3
www.diodes.com
BC817-16/-25/-40
© Diodes Incorporated
SPICE MODELS: BC817-16 BC817-25 BC817-40


同様の部品番号 - BC817-16-7-F

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BC817-16-7-F DIODES-BC817-16-7-F Datasheet
375Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
More results

同様の説明 - BC817-16-7-F

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com