データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC847 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 BC847
部品情報  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847 データシート(HTML) 1 Page - Diodes Incorporated

  BC847 Datasheet HTML 1Page - Diodes Incorporated BC847 Datasheet HTML 2Page - Diodes Incorporated BC847 Datasheet HTML 3Page - Diodes Incorporated BC847 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC846A - BC848C
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Features
Ideally Suited for Automatic Insertion
Complementary PNP Types Available (BC856-BC858)
For Switching and AF Amplifier Applications
Lead Free/RoHS Compliant (Note 3)
Qualified to AEC-Q101 Standards for High
Reliability
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
Pin Connections: See Diagram
Marking Information: See Page 4
Ordering Information: See Page 4
Approximate Weight: 0.008 grams
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
Marking Code (Note 2)
Type
Marking
Type
Marking
BC846A
1A, K1Q
BC847C
1G, K1M
BC846B
1B, K1R
BC848A
1J, K1J, K1E, K1Q
BC847A
1E, K1E, K1Q
BC848B
1K, K1K, K1F, K1R
BC847B
1F, K1F, K1R
BC848C
1L, K1L, K1M
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
BC846
BC847
BC848
VCBO
80
50
30
V
Collector-Emitter Voltage
BC846
BC847
BC848
VCEO
65
45
30
V
Emitter-Base Voltage
BC846, BC847
BC848
VEBO
6.0
5.0
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Emitter Current
IEM
200
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Current gain subgroup “C” is not available for BC846.
3.
No purposefully added lead.
DS11108 Rev. 21 - 2
1 of 4
www.diodes.com
BC846A-BC848C
© Diodes Incorporated
SPICE MODEL: BC846A BC846B BC847A BC847B BC847C
BC848A BC848B BC848C


同様の部品番号 - BC847

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
BC847 KODENSHI-BC847 Datasheet
267Kb / 4P
   General purpose application
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Jiangsu High diode Semi...
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
84Kb / 13P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Jinan Jing Heng Electro...
BC847 JINGHENG-BC847 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
More results

同様の説明 - BC847

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com