データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC37B72X データシート(PDF) 11 Page - SMSC Corporation

部品番号 FDC37B72X
部品情報  128 Pin Enhanced Super I/O Controller with ACPI Support
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B72X データシート(HTML) 11 Page - SMSC Corporation

Back Button FDC37B72X_07 Datasheet HTML 7Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 8Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 9Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 10Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 11Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 12Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 13Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 14Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 238 page
background image
11
GENERAL PURPOSE I/O PINS
TABLE 3 - GENERAL PURPOSE I/O PIN FUNCTIONS
PIN NO.
QFP
DEFAULT
FUNCTION
ALTERNATE
FUNCTION 1
ALTERNATE
FUNCTION 2
ALTERNATE
FUNCTION 3
BUFFER
TYPE
5
INDEX
REG.
GPIO
77
GPIO
nSMI
-
-
IOP4/(OP12/
OD12)
GP1
GP10
78
GPIO
nRING
EETI
1
-
IOP4/I/I
GP1
GP11
79
GPIO
WDT
P17/P12
4
EETI
1
IOP4/O4/IO4/I
GP1
GP12
80
GPIO
LED
-
-
IOP4/O24
GP1
GP13
81
GPIO
IRRX2
-
-
IOP4/I
GP1
GP14
82
GPIO
IRTX2
-
-
IOP4/O24
GP1
GP15
4
nMTR1
GPIO
-
-
(O24/OD24)/
IOP4
GP1
GP16
6
nDS1
GPIO
-
-
(O24/OD24)/
IOP4
GP1
GP17
39
PCI_CLK
IRQ14
GPIO
-
CLKIN/(O12/
OD12)/IOP4
GP5
GP50
2
DRVDEN1
GPIO
IRQ8
nSMI
(O24/OD24)
/IOP4/
(OP12/OD12)/
(OP12/OD12)
GP5
GP52
91
nROMCS
2
IRQ11
GPIO
EETI
1
IO12/(O12/
OD12)/IOP4/I
GP5
GP53
92
nROMOE
2
IRQ12
GPIO
EETI
1
IO12/(O12/
OD12)/IOP4/I
GP5
GP54
83
RD0
2,3
IRQ1
GPIO
nSMI
IO12/(O12/
OD12)/IOP4/
(OP12/OD12)
GP6
GP60
84
RD1
2,3
IRQ3
GPIO
LED
IO12/(O12/
OD12)/IOP4/
O24
GP6
GP61
85
RD2
2,3
IRQ4
GPIO
nRING
IO12/(O12/
OD12)/IOP4/I
GP6
GP62
86
RD3
2,3
IRQ5
GPIO
WDT
IO12/(O12/
OD12)/IOP4/
O4
GP6
GP63
87
RD4
2,3
IRQ6
GPIO
P17/P12
4
IO12/(O12/
OD12)/IOP4/
IO4
GP6
GP64
88
RD5
2,3
IRQ7
GPIO
-
IO12/(O12/
OD12)/IOP4
GP6
GP65
89
RD6
2,3
IRQ8
GPIO
-
IO12/(OP12/
OD12)/IOP4
GP6
GP66
90
RD7
2,3
IRQ10
GPIO
-
IO12/(O12/
OD12)/IOP4
GP6
GP67
Note 1: Either Edge Triggered Interrupt Inputs.
Note 2: At power-up, RD0-7, nROMCS and nROMOE function as the XD Bus. To use RD0-7 for alternate
functions, nROMCS must stay high until those pins are finished being programmed.
Note 3: These pins cannot be programmed as open drain pins in their original function.


同様の部品番号 - FDC37B72X_07

メーカー部品番号データシート部品情報
logo
SMSC Corporation
FDC37B72X SMSC-FDC37B72X Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

同様の説明 - FDC37B72X_07

メーカー部品番号データシート部品情報
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com