データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC37C78 データシート(PDF) 6 Page - SMSC Corporation

部品番号 FDC37C78
部品情報  Floppy Disk Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C78 データシート(HTML) 6 Page - SMSC Corporation

Back Button FDC37C78_07 Datasheet HTML 2Page - SMSC Corporation FDC37C78_07 Datasheet HTML 3Page - SMSC Corporation FDC37C78_07 Datasheet HTML 4Page - SMSC Corporation FDC37C78_07 Datasheet HTML 5Page - SMSC Corporation FDC37C78_07 Datasheet HTML 6Page - SMSC Corporation FDC37C78_07 Datasheet HTML 7Page - SMSC Corporation FDC37C78_07 Datasheet HTML 8Page - SMSC Corporation FDC37C78_07 Datasheet HTML 9Page - SMSC Corporation FDC37C78_07 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
6
DESCRIPTION OF PIN FUNCTIONS
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
HOST PROCESSOR INTERFACE
2-5,
8-11
Data Bus 0-7
D0-D7
I/O12
The data bus connection used by the host
microprocessor to transmit data to and from
the chip. These pins are in a high-impedance
state when not in the output mode.
46
I/O Read
nIOR
I
This active low signal is issued by the host
microprocessor to indicate a read operation.
47
I/O Write
nIOW
I
This active low signal is issued by the host
microprocessor to indicate a write operation.
44-42
I/O Address
A0-A2
I
These host address bits determine the I/O
address to be accessed during nIOR and
nIOW
cycles.
These
bits
are
latched
internally by the leading edge of nIOR and
nIOW.
48
DMA Request
DRQ
O12
This active high output is the DMA request for
byte transfers of data between the host and
the chip.
This signal is cleared on the last
byte of the data transfer by the nDACK signal
going low (or by nIOR going low if nDACK
was already low as in demand mode).
1
n DMA
Acknowledge
nDACK
I
An
active
low
input
acknowledging
the
request for a DMA transfer of data between
the host and the chip. This input enables the
DMA read or write internally.
14
Terminal Count
TC
I
This signal indicates to the chip that DMA
data transfer is complete.
TC is only
accepted when nDACK is low. TC is active
high.
13
Interrupt Request IRQ
O12
The interrupt request from the logical device
is output on the IRQ signal.
Refer to the
configuration registers for more information.
45
Chip Select Input nCS
I
When enabled, this active low pin serves as
an input for an external decoder circuit which
is used to qualify address lines above A2.


同様の部品番号 - FDC37C78_07

メーカー部品番号データシート部品情報
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
More results

同様の説明 - FDC37C78_07

メーカー部品番号データシート部品情報
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
   UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com