データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB160-T データシート(PDF) 2 Page - Diodes Incorporated

部品番号 SB160-T
部品情報  1.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB160-T データシート(HTML) 2 Page - Diodes Incorporated

  SB160-T Datasheet HTML 1Page - Diodes Incorporated SB160-T Datasheet HTML 2Page - Diodes Incorporated SB160-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS23022 Rev. 5 - 2
2 of 3
SB120-SB160
www.diodes.com
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig.3 Typ. Forward Characteristics - SB150 thru SB160
F
T = +125ºC
j
T = +25ºC
j
1% Duty Cycle
10
20
30
40
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
(JEDEC Method)
T=
j
T
j(max)
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig.5 Typical Total Capacitance
R
SB150 - SB160
SB120 - SB140
T= 25 C
f = 1.0MHz
V
= 50m Vp-p
j
°
sig
0.1
1.0
10
0.2
0.4
0.6
0.8
1.0
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics - SB120 thru SB140
F
T= +25 C
j
°
T= +75 C
j
°
T = +125 C
j
°
T= -25 C
j
°
1% Duty Cycle
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
Resistive or Inductive Load
0.375” (9.5mm) lead length
SB120 - SB140
SB150 & SB160
100
10
1
0.1
0.01
1000
10,000
0
25
100
PERCENTAGE OF PEAK REVERSE VOLTAGE (%)
Fig.6 Typical Reverse Characteristics, SB120 thru SB140
50
75
T= +25 C
j
°
T = +125 C
j
°
T= -25 C
j
°
T= +75 C
j
°


同様の部品番号 - SB160-T

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SB160-T3 WTE-SB160-T3 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
SB160-T3 WTE-SB160-T3 Datasheet
62Kb / 4P
   1.0A SCHOTTKY BARRIER DIODE
SB160-TB WTE-SB160-TB Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
SB160-TB WTE-SB160-TB Datasheet
62Kb / 4P
   1.0A SCHOTTKY BARRIER DIODE
More results

同様の説明 - SB160-T

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120_15 Datasheet
87Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR145 UTC-MBR145 Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
1N5817 DIODES-1N5817_1 Datasheet
68Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 8 - 2
1N5817 DIODES-1N5817_15 Datasheet
46Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
1N5817 ZSELEC-1N5817 Datasheet
104Kb / 2P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B150AE DIODES-B150AE Datasheet
438Kb / 6P
   1.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 4 - 2
logo
Won-Top Electronics
SR120 WTE-SR120 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120 Datasheet
74Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23022 Rev. 4 - 2
1N5817 DIODES-1N5817 Datasheet
44Kb / 2P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 6 - 2
logo
Won-Top Electronics
1N5817 WTE-1N5817 Datasheet
36Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com