データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFZ44NS データシート(PDF) 4 Page - NXP Semiconductors

部品番号 IRFZ44NS
部品情報  N-channel enhancement mode TrenchMOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRFZ44NS データシート(HTML) 4 Page - NXP Semiconductors

  IRFZ44NS Datasheet HTML 1Page - NXP Semiconductors IRFZ44NS Datasheet HTML 2Page - NXP Semiconductors IRFZ44NS Datasheet HTML 3Page - NXP Semiconductors IRFZ44NS Datasheet HTML 4Page - NXP Semiconductors IRFZ44NS Datasheet HTML 5Page - NXP Semiconductors IRFZ44NS Datasheet HTML 6Page - NXP Semiconductors IRFZ44NS Datasheet HTML 7Page - NXP Semiconductors IRFZ44NS Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
IRFZ44NS
TrenchMOS
TM transistor
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Fig.7. Typical transfer characteristics.
I
D = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 25 V
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 25 A; VGS = 10 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
02
468
10
0
20
40
60
80
100
ID/A
VDS/V
VGS/V =
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
16
10
9
8.5
4.0
0
2040
6080
100
0
5
10
15
20
25
30
gfs/S
ID/A
0
10
203040
506070
8090
10
15
20
25
30
35
40
RDS(ON)/mOhm
VGS/V =
6
6.5
7
8
9
10
ID/A
-100
-50
0
50
100
150
200
0.5
1
1.5
2
2.5
BUK959-60
Tmb / degC
Rds(on) normlised to 25degC
a
02468
10
12
0
20
40
60
80
100
ID/A
VGS/V
Tj/C =
175
25
BUK759-60
-100
-50
0
50
100
150
200
0
1
2
3
4
5
Tj / C
VGS(TO) / V
max.
typ.
min.
February 1999
4
Rev 1.000


同様の部品番号 - IRFZ44NS

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFZ44NS IRF-IRFZ44NS Datasheet
151Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A)
logo
Kersemi Electronic Co.,...
IRFZ44NS KERSEMI-IRFZ44NS Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRFZ44NS ISC-IRFZ44NS Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Tiger Electronic Co.,Lt...
IRFZ44NS TGS-IRFZ44NS Datasheet
117Kb / 1P
   55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFZ44NS UMW-IRFZ44NS Datasheet
842Kb / 7P
   60V N-Channel MOSFET
More results

同様の説明 - IRFZ44NS

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
IRFZ24N PHILIPS-IRFZ24N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ48N PHILIPS-IRFZ48N Datasheet
65Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN203 PHILIPS-PHN203 Datasheet
98Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
January 1999 Rev 1.000
PHN210 PHILIPS-PHN210 Datasheet
109Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN70308 PHILIPS-PHN70308 Datasheet
172Kb / 10P
   N-channel enhancement mode TrenchMOS transistor array
May 1999 Rev 1.000
IRLZ34N PHILIPS-IRLZ34N Datasheet
62Kb / 7P
   N-channel enhancement mode Logic level TrenchMOS transistor
February 1999 Rev 1.000
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com