データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS8405A-IZ データシート(PDF) 6 Page - Cirrus Logic

部品番号 CS8405A-IZ
部品情報  96 kHz Digital Audio Interface Transmitter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A-IZ データシート(HTML) 6 Page - Cirrus Logic

Back Button CS8405A-IZ Datasheet HTML 2Page - Cirrus Logic CS8405A-IZ Datasheet HTML 3Page - Cirrus Logic CS8405A-IZ Datasheet HTML 4Page - Cirrus Logic CS8405A-IZ Datasheet HTML 5Page - Cirrus Logic CS8405A-IZ Datasheet HTML 6Page - Cirrus Logic CS8405A-IZ Datasheet HTML 7Page - Cirrus Logic CS8405A-IZ Datasheet HTML 8Page - Cirrus Logic CS8405A-IZ Datasheet HTML 9Page - Cirrus Logic CS8405A-IZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
CS8405A
6
DS469F2
SWITCHING CHARACTERISTICS
(Inputs: Logic 0 = 0 V, Logic 1 = VL+; CL = 20 pF)
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORTS
(Inputs: Logic 0 = 0 V, Logic 1 = VL+; CL = 20 pF)
Notes: 6. The active edge of ISCLK is programmable.
7. The polarity of ILRCK is programmable.
8. No more than 128 SCLK per frame.
9. Prevents the previous ISCLK edge from being interpreted as the first one after ILRCK has changed.
10. This setup time ensures that this ISCLK edge is interpreted as the first one after ILRCK has changed
Parameter
Symbol
Min
Typ
Max
Units
RST pin Low Pulse Width
200
-
-
µs
OMCK Frequency for OMCK = 512 * Fso
4.1
-
55.3
MHz
OMCK Low and High Width for OMCK = 512 * Fso
7.2
-
-
ns
OMCK Frequency for OMCK = 384 * Fso
3.1
-
41.5
MHz
OMCK Low and High Width for OMCK = 384 * Fso
10.8
-
-
ns
OMCK Frequency for OMCK = 256 * Fso
2.0
-
27.7
MHz
OMCK Low and High Width for OMCK = 256 * Fso
14.4
-
-
ns
Frame Rate
8.0
-
108.0
kHz
AES3 Transmitter Output Jitter
-
-
1
ns
Parameter
Symbol
Min
Typ
Max
Units
SDIN Setup Time Before ISCLK Active Edge
(Note 6)
tds
20
-
-
ns
SDIN Hold Time After ISCLK Active Edge
(Note 6)
tdh
20
-
-
ns
Master Mode
OMCK to ISCLK active edge delay
(Note 6)
tsmd
0
-
10
ns
OMCK to ILRCK delay
(Note 7)
tlmd
0
-
10
ns
ISCLK and ILRCK Duty Cycle
-
50
-
%
Slave Mode
ISCLK Period
(Note 8)
tsckw
36
-
-
ns
ISCLK Input Low Width
tsckl
14
-
-
ns
ISCLK Input High Width
tsckh
14
-
-
ns
ISCLK Active Edge to ILRCK Edge
(Note 6,7,9)
tlrckd
20
-
-
ns
ILRCK Edge Setup Before ISCLK Active Edge (Note 6,7,10)
tlrcks
20
-
-
ns


同様の部品番号 - CS8405A-IZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS8405A-IZ CIRRUS-CS8405A-IZ Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
More results

同様の説明 - CS8405A-IZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
   192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com