データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148UR-1 データシート(PDF) 1 Page - Microsemi Corporation

部品番号 1N4148UR-1
部品情報  SWITCHING DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4148UR-1 データシート(HTML) 1 Page - Microsemi Corporation

  1N4148UR-1 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESIGN DATA
Case: Hermetically sealed glass package per MIL-
PRF-19500/116 DO-213AA outline
Lead Material: Copper clad steel
Lead Finish: Tin/Lead
Thermal Resistance (RθJEC): 100°C/W maximum
Thermal Impedance (ZθJX): 70°C/W maximum
Polarity: Cathode end is banded.
FEATURES
• 1N4148UR-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-
19500/116
• SWITCHING DIODE
• METALLURGICALLY BONDED
• HERMETICALLY SEALED
• DOUBLE PLUG CONSTRUCTION
• ALSO AVAILABLE AS LL4148, CDLL4148, & MLL4148
AC ELECTRICAL CHARACTERISTICS AT 25
°C
Symbol
Min
Max
Capacitance @ 0V
pF
-
4
Capacitance @ 1.5V
pF
-
2.8
TRR @ IF =IR=10mA,
IRec = 1mA.
nsec
-
5
TFR @ IF = 50mA
nsec
-
20
VFR @ IF = 50mA
V(pk)
-
5
MAXIMUM RATINGS AT 25
°C
Operating Temperature:
-65
°C to +200°C
Storage Temperature:
-65
°C to +200°C
Surge Current A, sine 8.3mS:
2.0A
Surge Current B, square 8.3mS:
1.41A
Total Power Dissipation:
500mW
Operating Current:
200mA, TA= +25°C
Derating Factor:
1.14mA/
°C above T
A= +25°C
D.C. Reverse Voltage (VRWM):
75V
DC ELECTRICAL CHARACTERISTICS
VF
IR
VBR
Ambient
(
°C)
IF
mA
Min
V
Max
V
Ambient
(
°C)
V (dc)
Min
µA
Max
µA
Ambient
(
°C)
IR
µA
Min
V
Max
V
25
10
-
0.8
25
20
-
0.025
25
100
100
-
25
100
-
1.2
25
75
-
0.500
150
10
-
0.8
150
20
-
35.0
-55
100
-
1.3
150
75
-
75.0
IRELAND - GORT ROAD
, ENNIS, CO. CLARE
PHONE:
+353 65 6840044
TOLL FREE:
+186 62 702434
FAX:
+353 65 6822298
U.S.A. DOMESTIC SALES CONTACT
PHONE:
(617) 926 0404
TOLL FREE:
1 800 666 2999
WWW.MICROSEMI.COM
1N4148UR-1


同様の部品番号 - 1N4148UR-1

メーカー部品番号データシート部品情報
logo
Compensated Deuices Inc...
1N4148UR-1 CDI-DIODE-1N4148UR-1 Datasheet
33Kb / 2P
   SWITCHING DIODE
logo
Microsemi Corporation
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
63Kb / 1P
   MINI-MELF-SMD Silicon Diode
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
50Kb / 2P
   SWITCHING DIODE
logo
M/A-COM Technology Solu...
1N4148UR-1 MA-COM-1N4148UR-1 Datasheet
601Kb / 3P
   Hermetically Sealed
More results

同様の説明 - 1N4148UR-1

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com