データシートサーチシステム |
|
BC848CW-7-F データシート(PDF) 1 Page - Diodes Incorporated |
|
BC848CW-7-F データシート(HTML) 1 Page - Diodes Incorporated |
1 / 3 page Lead-free Green BC846AW - BC848CW NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR DS30250 Rev. 8 - 2 1 of 3 BC846AW - BC848CW www.diodes.com ã Diodes Incorporated Features Maximum Ratings @ TA = 25°C unless otherwise specified Characteristic Symbol Value Unit Collector-Base Voltage BC846 BC847 BC848 VCBO 80 50 30 V Collector-Emitter Voltage BC846 BC847 BC848 VCEO 65 45 30 V Emitter-Base Voltage BC846, BC847 BC848 VEBO 6.0 5.0 V Collector Current IC 100 mA Peak Collector Current ICM 200 mA Peak Emitter Current IEM 200 mA Power Dissipation (Note 1) Pd 200 mW Thermal Resistance, Junction to Ambient (Note 1) RqJA 625 °C/W Operating and Storage Temperature Range Tj, TSTG -65 to +150 °C · Ideally Suited for Automatic Insertion · Complementary PNP Types Available (BC856W-BC858W) · For Switching and AF Amplifier Applications · Lead Free/RoHS Compliant (Note 3 ) · "Green" Device (Note 4 and 5) Marking Code (Note 2) Type Marking Type Marking BC846AW K1Q BC847CW K1M BC846BW K1R BC848AW K1J, K1E, K1Q BC847AW K1E, K1Q BC848BW K1K, K1F, K1R BC847BW K1F, K1R BC848CW K1L, K1M · Case: SOT-323 · Case Material: Molded Plastic, "Green" Molding Compound, Note 5 . UL Flammability Classification Rating 94V-0 · Moisture Sensitivity: Level 1 per J-STD-020C · Terminals: Solderable per MIL-STD-202, Method 208 · Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). · Pin Connections: See Diagram · Marking Codes (See Table Below & Diagram on Page 2) · Ordering & Date Code Information: See Page 2 · Weight: 0.006 grams (approximate) Mechanical Data A M J L F D B C H K G B E C Notes: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http:/ /www.diodes.com/datasheets/ap02001.pdf. 2. Current gain subgroup “C” is not available for BC846W. 3. No purposefully added lead. 4. Diodes Inc.'s "Green" Policy can be found on our website at http: //www.diodes.com/products/lead_free/index.php. 5. Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior t o date code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. SOT-323 Dim Min Max A 0.25 0.40 B 1.15 1.35 C 2.00 2.20 D 0.65 Nominal E 0.30 0.40 G 1.20 1.40 H 1.80 2.20 J 0.0 0.10 K 0.90 1.00 L 0.25 0.40 M 0.10 0.18 a 0° 8° All Dimensions in mm SPICE MODELS: BC846AW BC846BW BC847AW BC847BW BC847CW BC848AW BC848BW BC848CW |
同様の部品番号 - BC848CW-7-F |
|
同様の説明 - BC848CW-7-F |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |