データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1428CPA データシート(PDF) 1 Page - Microchip Technology

部品番号 TC1428CPA
部品情報  1.2A Dual High-Speed MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1428CPA データシート(HTML) 1 Page - Microchip Technology

  TC1428CPA Datasheet HTML 1Page - Microchip Technology TC1428CPA Datasheet HTML 2Page - Microchip Technology TC1428CPA Datasheet HTML 3Page - Microchip Technology TC1428CPA Datasheet HTML 4Page - Microchip Technology TC1428CPA Datasheet HTML 5Page - Microchip Technology TC1428CPA Datasheet HTML 6Page - Microchip Technology TC1428CPA Datasheet HTML 7Page - Microchip Technology TC1428CPA Datasheet HTML 8Page - Microchip Technology TC1428CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21393C-page 1
TC1426/TC1427/TC1428
Features:
•Low Cost
• Latch-Up Protected: Will Withstand 500 mA
Reverse Output Current
• ESD Protected ±2kV
• High Peak Output Current: 1.2A
• Wide Operating Range:
- 4.5V to 16V
• High Capacitive Load Drive Capability: 1000 pF in
38 nsec
• Low Delay Time: 75 nsec Max
• Logic Input Threshold Independent of Supply
Voltage
• Output Voltage Swing to Within 25 mV of Ground
or VDD
• Low Output Impedance: 8
Ω
Applications:
• Power MOSFET Drivers
• Switched Mode Power Supplies
• Pulse Transformer Drive
• Small Motor Controls
• Print Head Drive
Device Selection Table
Package Type
General Description:
The TC1426/TC1427/TC1428 are a family of 1.2A dual
high-speed drivers. CMOS fabrication is used for low-
power consumption and high efficiency.
These devices are fabricated using an epitaxial layer to
effectively short out the intrinsic parasitic transistor
responsible for CMOS latch-up. They incorporate a
number of other design and process refinements to
increase their long-term reliability.
The TC1426 is compatible with the bipolar DS0026, but
only draws 1/5 of the quiescent current. The TC1426/
TC1427/TC1428 are also compatible with the TC426/
TC427/TC428, but with 1.2A peak output current rather
than the 1.5A of the TC426/TC427/TC428 devices.
Other compatible drivers are the TC4426/TC4427/
TC4428 and the TC4426A/TC4427A/TC4428A. The
TC4426/TC4427/TC4428 have the added feature that
the inputs can withstand negative voltage up to 5V with
diode protection circuits. The TC4426A/TC4427A/
TC4428A have matched input to output leading edge
and falling edge delays, tD1 and tD2, for processing
short duration pulses in the 25 nanoseconds range. All
of the above drivers are pin compatible.
The high-input impedance TC1426/TC1427/TC1428
drivers are CMOS/TTL input-compatible, do not require
the speed-up needed by the bipolar devices, and can
be directly driven by most PWM ICs.
This family of devices is available in inverting and non-
inverting versions. Specifications have been optimized
to achieve low-cost and high-performance devices,
well-suited for the high-volume manufacturer.
Part Number
Package
Temp. Range
TC1426COA
8-Pin SOIC
0°C to +70°C
TC1426CPA
8-Pin PDIP
0°C to +70°C
TC1427COA
8-Pin SOIC
0°C to +70°C
TC1427CPA
8-Pin PDIP
0°C to +70°C
TC1428COA
8-Pin SOIC
0°C to +70°C
TC1428CPA
8-Pin PDIP
0°C to +70°C
TC1426CPA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
2, 4
7, 5
Inverting
TC1427CPA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
2, 4
7, 5
Noninverting
TC1428CPA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
27
45
VDD
VDD
TC1426COA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
NC = No connection
2, 4
7, 5
Inverting
TC1427COA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
2, 4
7, 5
Noninverting
TC1428COA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
27
45
VDD
VDD
8-Pin PDIP/SOIC
1.2A Dual High-Speed MOSFET Drivers


同様の部品番号 - TC1428CPA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC1428CPA TELCOM-TC1428CPA Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1428CPA MICROCHIP-TC1428CPA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1428CPA MICROCHIP-TC1428CPA Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
More results

同様の説明 - TC1428CPA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC1426 TELCOM-TC1426 Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426 MICROCHIP-TC1426_13 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com