データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74GTLP817DWR データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74GTLP817DWR
部品情報  GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP817DWR データシート(HTML) 5 Page - Texas Instruments

  SN74GTLP817DWR Datasheet HTML 1Page - Texas Instruments SN74GTLP817DWR Datasheet HTML 2Page - Texas Instruments SN74GTLP817DWR Datasheet HTML 3Page - Texas Instruments SN74GTLP817DWR Datasheet HTML 4Page - Texas Instruments SN74GTLP817DWR Datasheet HTML 5Page - Texas Instruments SN74GTLP817DWR Datasheet HTML 6Page - Texas Instruments SN74GTLP817DWR Datasheet HTML 7Page - Texas Instruments SN74GTLP817DWR Datasheet HTML 8Page - Texas Instruments SN74GTLP817DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
Recommended Operating Conditions
(1) (2) (3) (4)
SN74GTLP817
GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
SCES285E – OCTOBER 1999 – REVISED APRIL 2005
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3.15
3.3
3.45
V
GTL
1.14
1.2
1.26
VTT
Termination voltage
V
GTLP
1.35
1.5
1.65
GTL
0.74
0.8
0.87
VREF
Reference voltage
V
GTLP
0.87
1
1.1
BI
VTT
VI
Input voltage
V
AI, OE
VCC
5.5
BI
VREF + 0.05
VIH
High-level input voltage
ERC
VCC – 0.6
VCC
5.5
V
AI, OE
2
BI
VREF – 0.05
VIL
Low-level input voltage
ERC
GND
0.6
V
AI, OE
0.8
IIK
Input clamp current
–18
mA
IOH
High-level output current
AO port
–12
mA
AO port
12
IOL
Low-level output current
mA
BO port
50
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
ns/V
∆t/∆V
CC
Power-up ramp rate
20
µs/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Normal connection sequence is GND first and VCC = 3.3 V, I/O, control inputs, VTT, VREF (any order) last.
(3)
VTT and RTT can be adjusted to accommodate backplane impedances if the dc recommended IOL ratings are not exceeded.
(4)
VREF can be adjusted to optimize noise margins, but normally is two-thirds VTT.
5


同様の部品番号 - SN74GTLP817DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
More results

同様の説明 - SN74GTLP817DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
logo
Fairchild Semiconductor
GTLP6C817 FAIRCHILD-GTLP6C817 Datasheet
50Kb / 7P
   Low Drive GTLP-to-LVTTL 1:6 Clock Driver
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
   Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com