データシートサーチシステム |
|
AM29LV004BT-120EC データシート(PDF) 8 Page - Advanced Micro Devices |
|
AM29LV004BT-120EC データシート(HTML) 8 Page - Advanced Micro Devices |
8 / 39 page 8 Am29LV004B 21522D5 October 11, 2006 D A TA SH EE T ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29LV004B T -70 E C TEMPERATURE RANGE C = Commercial (0°C to +70°C) I = Industrial (–40 °C to +85°C) E = Extended (–55 °C to +125°C) D = Commercial (0°C to +70°C) for Pb-free Package F = Industrial (-40°C to +85°C) for Pb-free Package K = Extended (-55°C to +125°C) for Pb-free Package PACKAGE TYPE E = 40-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 040) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector DEVICE NUMBER/DESCRIPTION Am29LV004B 4 Megabit (512 K x 8-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program and Erase Valid Combinations AM29LV004BT-70, AM29LV004BB-70 EC, EI, ED, EF AM29LV004BT-90, AM29LV004BB-90 EC, EI, EE, ED, EF, EK AM29LV004BT-120, AM29LV004BB-120 |
同様の部品番号 - AM29LV004BT-120EC |
|
同様の説明 - AM29LV004BT-120EC |