データシートサーチシステム |
|
1N4448HWT データシート(PDF) 2 Page - Diodes Incorporated |
|
1N4448HWT データシート(HTML) 2 Page - Diodes Incorporated |
2 / 3 page DS30395 Rev. 5 - 2 2 of 3 1N4448HWT www.diodes.com 0 50 025 50 75 100 125 T , AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve A ° 100 200 150 150 10 100 1 0.1 0 1000 800 200 400 600 V , FORWARD VOLTAGE (mV) Fig. 2 Typical Forward Characteristics F Ta = -30 C ° Ta = 50 C ° Ta = 0 C ° Ta = 85 C ° Ta = 25 C ° Electrical Characteristics @ TA = 25°C unless otherwise specified Characteristic Symbol Min Max Unit Test Conditions Reverse Breakdown Voltage (Note 5) V(BR)R 80 ¾ V IR = 100 mA Forward Voltage VF 0.62 ¾ ¾ ¾ 0.72 0.855 1.0 1.25 V IF = 5.0mA IF = 10mA IF = 100mA IF = 150mA Peak Reverse Current (Note 5) IR ¾ 100 50 30 25 nA mA mA nA VR = 80V VR = 75V, Tj = 150 °C VR = 25V, Tj = 150 °C VR = 20V Total Capacitance CT ¾ 3.0 pF VR = 0.5V, f = 1.0MHz Reverse Recovery Time trr ¾ 4.0 ns IF = IR = 10mA, Irr = 0.1 x IR,RL = 100 W Note: 5. Short duration pulse test used to minimize self-heating effect. 0.10 1.0 10.0 0.01 0.001 0 20 40 60 80 V , REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics R Ta = 100 C ° Ta = 0 C ° Ta = 75 C ° Ta = 50 C ° Ta = 25 C ° Ta = -30 C ° 04 6 8 2 10 I , FORWARD CURRENT (mA) Fig. 4 Reverse Recovery Time vs. Forward Current F 0 0.5 1.0 1.5 2.0 2.5 |
同様の部品番号 - 1N4448HWT |
|
同様の説明 - 1N4448HWT |