データシートサーチシステム |
|
BC847BLD データシート(PDF) 2 Page - Diodes Incorporated |
|
BC847BLD データシート(HTML) 2 Page - Diodes Incorporated |
2 / 5 page DS30824 Rev. 3 - 2 2 of 5 BC847BLD www.diodes.com Electrical Characteristics: Characteristic Symbol Min Typ Max Unit Test Condition OFF CHARACTERISTICS (Note 4) Collector-Base Breakdown Voltage V(BR)CBO 50 — — V IC = 10 mA, IE = 0 Collector-Emitter Breakdown Voltage V(BR)CEO 45 — — V IC = 1.0mA, IB = 0 Emitter-Base Breakdown Voltage V(BR)EBO 6— — V IE = 10 mA, IC = 0 Collector Cutoff Current ICEX — — 15 nA VCE = 50V, VEB(OFF) = 3.0V Base Cutoff Current (IBEX) IBL — — 15 nA VCE = 40V, VEB(OFF) = 3.0V Collector-Base Cut Off Current ICBO — — 15 nA VCB = 40V, IE = 0 5 mA VCB = 30V, TA = 150oC Collector-Emitter Cut Off Current, IO(OFF) ICEO — — 50 nA VCE = 40V, IB = 0 Emitter-Base Cut Off Current IEBO — — 50 nA VEB = 5V, IC = 0 ON CHARACTERISTICS (Note 4) DC Current Gain hfe 180 — — — VCE = 5V, IC = 100 mA 150 — — — VCE = 5V, IC = 500 mA 220 — — — VCE = 5V, IC = 1mA 220 — — — VCE = 5V, IC = 2mA 150 — — — VCE = 5V, IC = 5mA 150 — — — VCE = 5V, IC = 10mA Collector-Emitter Saturation Voltage VCE(SAT) — 0.09 0.18 V IC = 10mA, IB = 0.5mA — 0.2 0.4 V IC = 100mA, IB = 5mA Base-Emitter Turn-On Voltage VBE(ON) 647 657 667 mV VCE = 5V, IC = 2mA Base-Emitter Saturation Voltage VBE(SAT) — — 0.8 V IC = 10mA, IB = 0.5mA — — 0.9 V IC = 100mA, IB = 5mA SMALL SIGNAL CHARACTERISTICS Output Capacitance COBO — 3— pF VCB = 5.0V, f = 1.0 MHz, IE = 0 Input Impedance hie — 4.5 — K W VCE = 5.0V, IC = 2mA, f = 1.0KHz Voltage Feedback Ratio hre — 2— x 10E-4 Small Signal Current Gain hfe — 200 — — Output Admittance hoe — 30 — mS Current Gain-Bandwidth Product fT 100 — — MHz VCE = 20V, IC = 10 mA, f = 100 MHz Noise Figure NF — — 10 dB VCE = 5V, IC = 100µA, RS = 1K W, f = 1kHz Notes: 4. Short duration pulse test used to minimize self-heating effect. NPN Transistor @ TA = 25°C unless otherwise specified Typical Characteristics 0 50 100 25 50 75 100 125 150 175 T , AMBIENT TEMPERATURE (°C) Fig. 3 Max Power Dissipation vs Ambient Temperature A 150 200 250 300 350 0 RqJA = 417 C/W o |
同様の部品番号 - BC847BLD |
|
同様の説明 - BC847BLD |