データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM42DL1612DT45IS データシート(PDF) 10 Page - Advanced Micro Devices

部品番号 AM42DL1612DT45IS
部品情報  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM42DL1612DT45IS データシート(HTML) 10 Page - Advanced Micro Devices

Back Button AM42DL1612DT45IS Datasheet HTML 6Page - Advanced Micro Devices AM42DL1612DT45IS Datasheet HTML 7Page - Advanced Micro Devices AM42DL1612DT45IS Datasheet HTML 8Page - Advanced Micro Devices AM42DL1612DT45IS Datasheet HTML 9Page - Advanced Micro Devices AM42DL1612DT45IS Datasheet HTML 10Page - Advanced Micro Devices AM42DL1612DT45IS Datasheet HTML 11Page - Advanced Micro Devices AM42DL1612DT45IS Datasheet HTML 12Page - Advanced Micro Devices AM42DL1612DT45IS Datasheet HTML 13Page - Advanced Micro Devices AM42DL1612DT45IS Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
8
Am42DL16x2D
February 6, 2004
PIN DESCRIPTION
A0–A16
= 17 Address Inputs (Common)
A–1, A19–A17 = 4 Address Inputs (Flash)
DQ15–DQ0
= 16 Data Inputs/Outputs (Common)
CE#f
= Chip Enable (Flash)
CE#s
= Chip Enable (SRAM)
OE#
= Output Enable (Common)
WE#
= Write Enable (Common)
RY/BY#
= Ready/Busy Output
UB#s
= Upper Byte Control (SRAM)
LB#s
= Lower Byte Control (SRAM)
CIOf
= I/O Configuration (Flash)
CIOf = VIH = Word mode (x16),
CIOf = VIL = Byte mode (x8)
RESET#
= Hardware Reset Pin, Active Low
WP#/ACC
= Hardware Write Protect/
Acceleration Pin (Flash)
VCCf
= Flash 3.0 volt-only single power sup-
ply (see Product Selector Guide for
speed options and voltage supply
tolerances)
VCCs
= SRAM Power Supply
VSS
= Device Ground (Common)
NC
= Pin Not Connected Internally
LOGIC SYMBOL
17
16
DQ15–DQ0
A16–A0
CE#f
OE#
WE#
RESET#
UB#s
RY/BY#
WP#/ACC
A–1, A19–A17
LB#s
CIOf
CE1#s
CE2s


同様の部品番号 - AM42DL1612DT45IS

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM42DL1614DB30IT AMD-AM42DL1614DB30IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL1614DB35IT AMD-AM42DL1614DB35IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL1614DB45IT AMD-AM42DL1614DB45IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM42DL1614DB70IT SPANSION-AM42DL1614DB70IT Datasheet
941Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM42DL1614DB70IT AMD-AM42DL1614DB70IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results

同様の説明 - AM42DL1612DT45IS

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM42DL6402G SPANSION-AM42DL6402G Datasheet
927Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
logo
Advanced Micro Devices
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com