データシートサーチシステム |
|
AM29LV160MT70RPCI データシート(PDF) 11 Page - Advanced Micro Devices |
|
AM29LV160MT70RPCI データシート(HTML) 11 Page - Advanced Micro Devices |
11 / 63 page January 31, 2007 25974B5 Am29LV160M 9 Data Sheet Ordering Information Standard Products Spansion standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29LV160M T 100 E I TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) WA = 48-ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 6 x 8 mm package (FBA048) PC = 64-ball Fortified Ball Grid Array (BGA) 1.0 mm pitch, 13 x 11 mm package (LAA064) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T= Top sector B = Bottom sector DEVICE NUMBER/DESCRIPTION Am29LV160M 16 Megabit (2M x 8-Bit/1M x 16-Bit) MirrorBitTM Flash Memory 3.0 Volt-only Read, Program, and Erase Note: For 70R and 85 speed options shown in product selector guide, contact a sales office or representative for availability and ordering information. Valid Combinations for TSOP Packages Access Time (ns) VCC Voltage Range Am29LV160MT90, Am29LV160MB90 EI, FI 90 2.7–3.6 V Am29LV160MT100, Am29LV160MB100 100 Valid Combinations for FBGA Packages Access Time (ns) VCC Voltage Range Order Number Package Marking Am29LV160MT90, Am29LV160MB90 WAI L160MT90VI, L160MB90VI 90 2.7– 3.6 V PCI L160MT90PI, L160MB90PI Am29LV160MT100, Am29LV160MB100 WAI L160MT10VI, L160MB10VI 100 PCI L160MT10PI, L160MB10PI |
同様の部品番号 - AM29LV160MT70RPCI |
|
同様の説明 - AM29LV160MT70RPCI |