データシートサーチシステム |
|
AM29DL320GT50WMIN データシート(PDF) 10 Page - Advanced Micro Devices |
|
AM29DL320GT50WMIN データシート(HTML) 10 Page - Advanced Micro Devices |
10 / 58 page 8 Am29DL320G ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to con- firm availability of specific valid combinations and to check on newly released combinations. Am29DL320G T 70 E I OPTIONAL PROCESSING Blank = Standard Processing N = 16-byte ESN devices (Contact an AMD representative for more information) TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) F = Industrial (–40 °C to +85°C) with Pb-free Package PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) WD = 63-Ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 8 x 14 mm package (FBD063) WM = 48-Ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 6 x 12 mm package (FBD048) PC = 64-Ball Fortified-Pitch Ball Grid Array (FBGA) 1.00 mm pitch, 11 x 13 mm package (LAA064) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top boot sectors B = Bottom boot sectors DEVICE NUMBER/DESCRIPTION Am29DL320G 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP Packages AM29DL320GT70, AM29DL320GB70 EI, EIN, EF AM29DL320GT90, AM29DL320GB90 AM29DL320GT120, AM29DL320GB120 Valid Combinations for FBGA Packages Order Number Package Marking AM29DL320GT70, AM29DL320GB70 WDI, WDIN, WDF, WDFN D320GT70V, D320GB70V I, F AM29DL320GT90, AM29DL320GB90 D320GT90V, D320GB90V AM29DL320GT120, AM29DL320GB120 D320GT12V, D320GB12V AM29DL320GT70, AM29DL320GB70 WMI, WMIN,” WMF, WMFN D320GT70U, D320GB70U I, F AM29DL320GT90, AM29DL320GB90 D320GT90U, D320GB90U AM29DL320GT120, AM29DL320GB120 D320GT12U, D320GB12U Valid Combinations for Fortified BGA Packages Order Number Package Marking AM29DL320GT70, AM29DL320GB70 PCI, PCF D320GT70P, D320GB70P I, F AM29DL320GT90, AM29DL320GB90 D320GT90P, D320GB90P AM29DL320GT120, AM29DL320GB120 D320GT12P, D320GB12P |
同様の部品番号 - AM29DL320GT50WMIN |
|
同様の説明 - AM29DL320GT50WMIN |