データシートサーチシステム |
|
AM29DL323GT40EF データシート(PDF) 10 Page - SPANSION |
|
AM29DL323GT40EF データシート(HTML) 10 Page - SPANSION |
10 / 58 page 8Am29DL32xG 25686B10 December 4, 2006 D A TA SH EET ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Am29DL32xG T 70 E I OPTIONAL PROCESSING Blank = Standard Processing N = 16-byte ESN devices (Contact an AMD representative for more information) TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) F = Industrial (–40 °C to +85°C) with Pb-free package PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) WD = 63-Ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 8 x 14 mm package (FBD063) WM = 48-Ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 6 x 12 mm package (FBD048) PC = 64-Ball Fortified Pitch Ball Grid Array (FBGA) 1.00 mm pitch, 11 x 13 mm package (LAA064) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector DEVICE NUMBER/DESCRIPTION Am29DL32xG 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP Packages AM29DL322GT70, AM29DL322GB70 EI, EIN, EF AM29DL323GT70 AM29DL323GB70 AM29DL324GT70, AM29DL324GB70 AM29DL322GT90, AM29DL322GB90 AM29DL323GT90, AM29DL323GB90 AM29DL324GT90, AM29DL324GB90 AM29DL322GT120, AM29DL322GB120 AM29DL323GT120, AM29DL323GB120 AM29DL324GT120, AM29DL324GB120 Valid Combinations for FBGA Packages Order Number Package Marking AM29DL322GT70, AM29DL322GB70 WMI, WMIN, WMF D322GT70U, D322GB70U I, F AM29DL323GT70, AM29DL323GB70 D323GT70U, D323GB70U AM29DL324GT70, AM29DL324GB70 D324GT70U, D324GB70U AM29DL322GT90, AM29DL322GB90 D322GT90U, D322GB90U AM29DL323GT90, AM29DL323GB90 D323GT90U, D323GB90U AM29DL324GT90, AM29DL324GB90 D324GT90U, D324GB90U AM29DL322GT120, AM29DL322GB120 D322GT12U, D322GB12U AM29DL323GT120, AM29DL323GB120 D323GT12U, D323GB12U AM29DL324GT120, AM29DL324GB120 D324GT12U, D324GB12U |
同様の部品番号 - AM29DL323GT40EF |
|
同様の説明 - AM29DL323GT40EF |