データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS320GBD3VMI データシート(PDF) 58 Page - SPANSION

部品番号 AM29BDS320GBD3VMI
部品情報  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS320GBD3VMI データシート(HTML) 58 Page - SPANSION

Back Button AM29BDS320GBD3VMI Datasheet HTML 54Page - SPANSION AM29BDS320GBD3VMI Datasheet HTML 55Page - SPANSION AM29BDS320GBD3VMI Datasheet HTML 56Page - SPANSION AM29BDS320GBD3VMI Datasheet HTML 57Page - SPANSION AM29BDS320GBD3VMI Datasheet HTML 58Page - SPANSION AM29BDS320GBD3VMI Datasheet HTML 59Page - SPANSION AM29BDS320GBD3VMI Datasheet HTML 60Page - SPANSION AM29BDS320GBD3VMI Datasheet HTML 61Page - SPANSION AM29BDS320GBD3VMI Datasheet HTML 62Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
56
Am29BDS320G
27243B1 October 1, 2003
Prelimin ary
AC Characteristics
Hardware Reset (RESET#)
Note: Not 100% tested.
Figure 20. Reset Timings
Parameter
Description
All Speed
Options
Unit
JEDEC
Std
tReadyw
RESET# Pin Low (During Embedded Algorithms)
to Read Mode (See Note)
Max
35
µs
tReady
RESET# Pin Low (NOT During Embedded Algorithms)
to Read Mode (See Note)
Max
500
ns
tRP
RESET# Pulse Width
Min
500
ns
tRH
Reset High Time Before Read (See Note)
Min
200
ns
tRPD
RESET# Low to Standby Mode
Min
20
µs
RESET#
tRP
tReadyw
Reset Timings NOT during Embedded Algorithms
tReady
CE#, OE#
tRH
CE#, OE#
Reset Timings during Embedded Algorithms
RESET#
tRP


同様の部品番号 - AM29BDS320GBD3VMI

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS323DT11AWKI AMD-AM29BDS323DT11AWKI Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

同様の説明 - AM29BDS320GBD3VMI

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com