データシートサーチシステム |
|
AM29SL800DB100EF データシート(PDF) 9 Page - Advanced Micro Devices |
|
AM29SL800DB100EF データシート(HTML) 9 Page - Advanced Micro Devices |
9 / 46 page D A TA SH EE T January 23, 2007 27546A6 Am29SL800D 7 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly re- leased combinations. Am29SL800D T -100 E C TEMPERATURE RANGE C = Commercial (0°C to +70°C) D = Commercial (0°C to +70°C) with Pb-free package I = Industrial (–40 °C to +85°C) F = Industrial (–40 °C to +85°C) with Pb-free package PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) VU = 48-ball Fine-Pitch Ball Grid Array (FBGA) 0.80mm pitch, 8.15 x 6.15 mm package (VBK048) WA = 48-Ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 8.15 x 6.15 mm package (FBA048) WC = 48-Ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 9 x 8 mm package (FBC048) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector DEVICE NUMBER/DESCRIPTION Am29SL800D 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory 1.8 Volt-only Read, Program, and Erase Valid Combinations for TSOP Packages AM29SL800DT90, AM29SL800DB90 EC, EI, ED, EF AM29SL800DT100, AM29SL800DB100 AM29SL800DT120, AM29SL800DB120 AM29SL800DT150, AM29SL800DB150 Valid Combinations for FBGA Packages Order Number Package Marking AM29SL800DT90, AM29SL800DB90 WAC, WAD WAI, WAF A800DT90U, A800DB90U C, I, D, F WCC, WCD, WCI, WCF A800DT90P, A800DB90P AM29SL800DT100, AM29SL800DB100 WAC, WAD WAI, WAF A800DT10U, A800DB10U WCC, WCD, WCI, WCF A800DT10P, A800DB10P AM29SL800DT120, AM29SL800DB120 WAC, WAD WAI, WAF A800DT12U, A800DB12U WCC, WCD, WCI, WCF A800DT12P, A800DB12P AM29SL800DT150, AM29SL800DB150 WAC, WAD WAI, WAF A800DT15U, A800DB15U WCC, WCD, WCI, WCF A800DT15P, A800DB15P Am29SL800DT120 VUF A800DT12V A800DB12V |
同様の部品番号 - AM29SL800DB100EF |
|
同様の説明 - AM29SL800DB100EF |