データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT244CSJ データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74ABT244CSJ
部品情報  Octal Buffer/Line Driver with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT244CSJ データシート(HTML) 4 Page - Fairchild Semiconductor

  74ABT244CSJ Datasheet HTML 1Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 2Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 3Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 4Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 5Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 6Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 7Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 8Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT244 Rev. 1.4
4
DC Electrical Characteristics
Notes:
3. For 8-bit toggling, ICCD < 0.8mA/MHz.
4. Guaranteed, but not tested.
Symbol
Parameter
VCC
Conditions
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
Recognized HIGH Signal
2.0
V
VIL
Input LOW Voltage
Recognized LOW Signal
0.8
V
VCD
Input Clamp Diode Voltage
Min.
IIN = –18mA
–1.2
V
VOH
Output HIGH Voltage
Min.
IOH = –3mA
2.5
V
IOH = –32mA
2.0
VOL
Output LOW Voltage
IOL = 64mA
0.55
V
IIH
Input HIGH Current
Max.
VIN = 2.7V
(4)
1µA
VIN = VCC
1
IBVI
Input HIGH Current
Breakdown Test
Max.
VIN = 7.0V
7
µA
IIL
Input LOW Current
Max.
VIN = 0.5V
(4)
–1
µA
VIN = 0.0V
–1
VID
Input Leakage Test
0.0
IID = 1.9µA, All Other Pins
Grounded
4.75
V
IOZH
Output Leakage Current
0–5.5V VOUT = 2.7V, OEn = 2.0V
10
µA
IOZL
Output Leakage Current
0–5.5V VOUT = 0.5V, OEn = 2.0V
–10
µA
IOS
Output Short-Circuit Current
Max.
VOUT = 0.0V
–100
–275
mA
ICEX
Output High Leakage Current
Max.
VOUT = VCC
50
µA
IZZ
Bus Drainage Test
0.0
VOUT = 5.5V, All Others GND
100
µA
ICCH
Power Supply Current
Max.
All Outputs HIGH
50
µA
ICCL
Power Supply Current
Max.
All Outputs LOW
30
mA
ICCZ
Power Supply Current
Max.
OEn = VCC, All Others at VCC
or Ground
50
µA
ICCT
Additional
ICC/Input
Outputs Enabled
Max.
VI = VCC – 2.1V
2.5
mA
Outputs 3-STATE
Enable Input VI = VCC – 2.1V
2.5
mA
Outputs 3-STATE
Data Input VI = VCC – 2.1V,
All Others at VCC or Ground
50
µA
ICCD
Dynamic ICC No Load
(4)
Max.
Outputs OPEN, OEn = GND
(3),
One-Bit Toggling,
50% Duty Cycle
0.1
mA/
MHz


同様の部品番号 - 74ABT244CSJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ABT244CSJ FAIRCHILD-74ABT244CSJ Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CSJX FAIRCHILD-74ABT244CSJX Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

同様の説明 - 74ABT244CSJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com