データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT373 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74ABT373
部品情報  Octal Transparent Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT373 データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ABT373_07 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 9Page - Fairchild Semiconductor 74ABT373_07 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT373 Rev. 1.4
6
AC Operating Requirements
SOIC and SSOP packages.
Extended AC Electrical Characteristics
SOIC package.
Notes:
7. This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described
switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
8. This specification is guaranteed but not tested. The limits represent propagation delay with 250pF load capacitors
in place of the 50pF load capacitors in the standard AC load. This specification pertains to single output switching
only.
9. This specification is guaranteed but not tested. The limits represent propagation delays for all paths described
switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.) with 250pF load capacitors in place of the 50pF load
capacitors in the standard AC load.
10. The 3-STATE delay times are dominated by the RC network (500
Ω, 250pF) on the output and has been excluded
from the datasheet.
Symbol
Parameter
TA = +25°C,
VCC = +5.0V,
CL = 50pF
TA = –55°C to +125°C,
VCC = 4.5V to 5.5V,
CL = 50pF,
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
fTOGGLE
Max Toggle Frequency
100
100
MHz
tS(H)
Setup Time, HIGH or
LOW, Dn to LE
1.5
2.5
1.5
ns
tS(L)
1.5
2.5
1.5
tH(H)
Hold Time, HIGH or
LOW, Dn to LE
1.0
2.5
1.0
ns
tH(L)
1.0
2.5
1.0
tW(H)
Pulse Width, LE HIGH
3.0
3.3
3.0
ns
Symbol
Parameter
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 50pF,
8 Outputs
Switching(7)
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 250pF
(8)
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 250pF,
8 Outputs
Switching(9)
Units
Min.
Max.
Min.
Max.
Min.
Max.
tPLH
Propagation Delay,
Dn to On
1.5
5.2
2.0
6.8
2.0
9.0
ns
tPHL
1.5
5.2
2.0
6.8
2.0
9.0
tPLH
Propagation Delay,
LE to On
1.5
5.5
2.0
7.5
2.0
9.5
ns
tPHL
1.5
5.5
2.0
7.5
2.0
9.5
tPZH
Output Enable Time
1.5
6.2
2.0
8.0
2.0
10.5
ns
tPZL
1.5
6.2
2.0
8.0
2.0
10.5
tPHZ
Output Disable Time
1.0
5.5
(10)
(10)
ns
tPZL
1.0
5.5


同様の部品番号 - 74ABT373_07

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373AD PHILIPS-74ABT373AD Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373ADB PHILIPS-74ABT373ADB Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373AN PHILIPS-74ABT373AN Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373APW PHILIPS-74ABT373APW Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
More results

同様の説明 - 74ABT373_07

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com