データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT374CMSA データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 74ABT374CMSA
部品情報  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT374CMSA データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button 74ABT374CMSA Datasheet HTML 4Page - Fairchild Semiconductor 74ABT374CMSA Datasheet HTML 5Page - Fairchild Semiconductor 74ABT374CMSA Datasheet HTML 6Page - Fairchild Semiconductor 74ABT374CMSA Datasheet HTML 7Page - Fairchild Semiconductor 74ABT374CMSA Datasheet HTML 8Page - Fairchild Semiconductor 74ABT374CMSA Datasheet HTML 9Page - Fairchild Semiconductor 74ABT374CMSA Datasheet HTML 10Page - Fairchild Semiconductor 74ABT374CMSA Datasheet HTML 11Page - Fairchild Semiconductor 74ABT374CMSA Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT374 Rev. 1.4
8
AC Loading
*Includes jig and probe capacitance
Figure 1. Standard AC Test Load
Figure 2. VM = 1.5V
Input Pulse Requirements
Figure 3. Test Input Signal Requirements
AC Waveforms
Figure 4. Propagation Delay Waveforms
for Inverting and Non-Inverting Functions
Figure 5. Propagation Delay, Pulse Width Waveforms
Figure 6. 3-STATE Output HIGH and
LOW Enable and Disable Times
Figure 7. Setup Time, Hold Time and
Recovery Time Waveforms
Amplitude
Rep. Rate
tw
tr
tf
3.0V
1 MHz
500ns
2.5ns
2.5ns


同様の部品番号 - 74ABT374CMSA

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ABT374 FAIRCHILD-74ABT374 Datasheet
133Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
74ABT374A PHILIPS-74ABT374A Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374AD PHILIPS-74ABT374AD Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374ADB PHILIPS-74ABT374ADB Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374AN PHILIPS-74ABT374AN Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results

同様の説明 - 74ABT374CMSA

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com