データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACQ573SJ データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74ACQ573SJ
部品情報  Quiet Series??Octal Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ573SJ データシート(HTML) 1 Page - Fairchild Semiconductor

  74ACQ573SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
tm
April 2007
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ573, 74ACTQ573 Rev. 1.5
74ACQ573, 74ACTQ573
Quiet Series™ Octal Latch with 3-STATE Outputs
Features
ICC and IOZ reduced by 50%
Guaranteed simultaneous switching noise level and
dynamic threshold performance
Guaranteed pin-to-pin skew AC performance
Improved latch-up immunity
Inputs and outputs on opposite sides of package allow
easy interface with microprocessors
Outputs source/sink 24mA
General Description
The ACQ/ACTQ573 is a high-speed octal latch with buff-
ered common Latch Enable (LE) and buffered common
Output Enable (OE) inputs. The ACQ/ACTQ573 is func-
tionally identical to the ACQ/ACTQ373 but with inputs
and outputs on opposite sides of the package. The ACQ/
ACTQ utilizes Fairchild's Quiet Series™ technology to
guarantee quiet output switching and improved dynamic
threshold performance. FACT Quiet Series™ features
GTO™ output control and undershoot corrector in addi-
tion to a split ground bus for superior performance.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagram
Pin Descriptions
Order Number
Package
Number
Package Description
74ACQ573SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACQ573SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACQ573MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74ACTQ573SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACTQ573SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ573QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
74ACTQ573MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Latch Outputs
FACT™, Quiet Series™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.


同様の部品番号 - 74ACQ573SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACQ573SJ FAIRCHILD-74ACQ573SJ Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACQ573SJX FAIRCHILD-74ACQ573SJX Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
More results

同様の説明 - 74ACQ573SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com