データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HIP6012 データシート(PDF) 6 Page - Intersil Corporation

部品番号 HIP6012
部品情報  Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6012 データシート(HTML) 6 Page - Intersil Corporation

Back Button HIP6012_04 Datasheet HTML 2Page - Intersil Corporation HIP6012_04 Datasheet HTML 3Page - Intersil Corporation HIP6012_04 Datasheet HTML 4Page - Intersil Corporation HIP6012_04 Datasheet HTML 5Page - Intersil Corporation HIP6012_04 Datasheet HTML 6Page - Intersil Corporation HIP6012_04 Datasheet HTML 7Page - Intersil Corporation HIP6012_04 Datasheet HTML 8Page - Intersil Corporation HIP6012_04 Datasheet HTML 9Page - Intersil Corporation HIP6012_04 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN4324.2
December 27, 2004
complete its cycle. Figure 4 shows this operation with an
overload condition. Note that the inductor current increases
to over 15A during the CSS charging interval and causes an
overcurrent trip. The converter dissipates very little power
with this method. The measured input power for the
conditions of Figure 4 is 2.5W.
The overcurrent function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200µA
- typical). The OC trip point varies mainly due to the
MOSFETs rDS(ON) variations. To avoid overcurrent tripping
in the normal operating load range, find the ROCSET resistor
from the equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine
,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to
another can generate voltage transients across the
impedances of the interconnecting bond wires and circuit
traces. These interconnecting impedances should be
minimized by using wide, short printed circuit traces. The
critical components should be located as close together as
possible using ground plane construction or single point
grounding.
Figure 5 shows the critical power components of the
converter. To minimize the voltage overshoot the
interconnecting wires indicated by heavy lines should be part
of ground or power plane in a printed circuit board. The
components shown in Figure 6 should be located as close
together as possible. Please note that the capacitors CIN
and CO each represent numerous physical capacitors.
Locate the HIP6012 within 3 inches of the MOSFETs, Q1
and Q2. The circuit traces for the MOSFETs’ gate and
source connections from the HIP6012 must be sized to
handle up to 1A peak current.
Figure 6 shows the circuit traces that require additional
layout consideration. Use single point and ground plane
construction for the circuits shown. Minimize any leakage
current paths on the SS PIN and locate the capacitor, CSS
close to the SS pin because the internal current source is
only 10
µA. Provide local VCC decoupling between VCC and
GND pins. Locate the capacitor, CBOOT as close as practical
to the BOOT and PHASE pins.
Feedback Compensation
Figure 7 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage
(VOUT) is regulated to the Reference voltage level. The error
amplifier (Error Amp) output (VE/A) is compared with the
oscillator (OSC) triangular wave to provide a pulse-width
modulated (PWM) wave with an amplitude of VIN at the
PHASE node. The PWM wave is smoothed by the output filter
(LO and CO).
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
Gain and the output filter (LO and CO), with a double pole
break frequency at FLC and a zero at FESR. The DC Gain of
the modulator is simply the input voltage (VIN) Divided by the
peak-to-peak oscillator voltage
∆V
OSC.
I
PEAK
I
OCSET
R
OCSET
r
DS ON
()
---------------------------------------------------
=
IPEAK for IPEAK IOUT MAX
()
∆I
() 2
+
>
PGND
LO
CO
LGATE
UGATE
PHASE
Q1
Q2
D2
FIGURE 5. PRINTED CIRCUIT BOARD POWER AND
GROUND PLANES OR ISLANDS
VIN
VOUT
RETURN
HIP6012
CIN
FIGURE 6. PRINTED CIRCUIT BOARD SMALL SIGNAL
LAYOUT GUIDELINES
+12V
HIP6012
SS
GND
VCC
BOOT
D1
LO
CO
VOUT
Q1
Q2
PHASE
+VIN
CBOOT
CVCC
CSS
HIP6012


同様の部品番号 - HIP6012_04

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HIP6012CB INTERSIL-HIP6012CB Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012CB INTERSIL-HIP6012CB Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6012CB RENESAS-HIP6012CB Datasheet
655Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6012CB-T INTERSIL-HIP6012CB-T Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012CBZ INTERSIL-HIP6012CBZ Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results

同様の説明 - HIP6012_04

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com