データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F38PC データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74F38PC
部品情報  Quad Two-Input NAND Buffer (Open Collector)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F38PC データシート(HTML) 2 Page - Fairchild Semiconductor

  74F38PC Datasheet HTML 1Page - Fairchild Semiconductor 74F38PC Datasheet HTML 2Page - Fairchild Semiconductor 74F38PC Datasheet HTML 3Page - Fairchild Semiconductor 74F38PC Datasheet HTML 4Page - Fairchild Semiconductor 74F38PC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
AC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCCPin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 3)
−0.5V to +7.0V
Input Current (Note 3)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOL
Output LOW
10% VCC
0.55
V
Min
IOL = 64 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−1.2
mA
Max
VIN = 0.5V
IOHC
Open Collector, Output
250
µAMin
VOUT = VCC
OFF Leakage Test
ICCH
Power Supply Current
2.1
7.0
mA
Max
VO = HIGH
ICCL
Power Supply Current
26.0
30.0
mA
Max
VO = LOW
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
6.5
9.7
12.5
6.5
13.0
ns
tPHL
An, Bn to On
1.5
2.1
5.0
1.5
5.5


同様の部品番号 - 74F38PC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F38PC NSC-74F38PC Datasheet
143Kb / 8P
   Quad Two-Input NAND Buffer (Open Collector)
logo
Fairchild Semiconductor
74F38PC FAIRCHILD-74F38PC Datasheet
58Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
logo
Texas Instruments
74F38PC TI-74F38PC Datasheet
393Kb / 10P
[Old version datasheet]   54F38 74F38 Quad Two-Input NAND Buffer (Open Collector)
More results

同様の説明 - 74F38PC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F38 FAIRCHILD-74F38 Datasheet
58Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
logo
National Semiconductor ...
54F38DM NSC-54F38DM Datasheet
143Kb / 8P
   Quad Two-Input NAND Buffer (Open Collector)
logo
Texas Instruments
5962-8687201DA TI-5962-8687201DA Datasheet
393Kb / 10P
[Old version datasheet]   54F38 74F38 Quad Two-Input NAND Buffer (Open Collector)
logo
NXP Semiconductors
74ALS38A PHILIPS-74ALS38A Datasheet
85Kb / 7P
   Quad 2-Input NAND buffer open collector
1991 Feb 08
74F38 PHILIPS-74F38 Datasheet
70Kb / 8P
   Quad 2-input NAND buffer open collector
1990 Oct 04
logo
Fairchild Semiconductor
DM74LS38 FAIRCHILD-DM74LS38 Datasheet
61Kb / 5P
   Quad 2-Input NAND Buffer with Open-Collector Outputs
74F37 FAIRCHILD-74F37 Datasheet
48Kb / 4P
   Quad Two-Input NAND Buffer
logo
National Semiconductor ...
DM7439 NSC-DM7439 Datasheet
82Kb / 4P
   DM7439 Quad 2-Input NAND Buffer with Open-Collector Output
logo
Motorola, Inc
MC5403L MOTOROLA-MC5403L Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
logo
Fairchild Semiconductor
DM74ALS38A FAIRCHILD-DM74ALS38A Datasheet
48Kb / 4P
   Quadruple 2-Input NAND Buffer with Open-Collector Outputs
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com