データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F194 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74F194
部品情報  4-Bit Bidirectional Universal Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F194 データシート(HTML) 4 Page - Fairchild Semiconductor

  74F194 Datasheet HTML 1Page - Fairchild Semiconductor 74F194 Datasheet HTML 2Page - Fairchild Semiconductor 74F194 Datasheet HTML 3Page - Fairchild Semiconductor 74F194 Datasheet HTML 4Page - Fairchild Semiconductor 74F194 Datasheet HTML 5Page - Fairchild Semiconductor 74F194 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Shift Frequency
105
150
90
90
MHz
tPLH
Propagation Delay
3.5
5.2
7.0
3.0
8.5
3.5
8.0
ns
tPHL
CP to Qn
3.55.5
7.03.0
8.53.5
8.0
tPHL
Propagation Delay
4.5
8.6
12.0
4.5
14.5
4.5
14.0
ns
MR to Qn
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.0
6.0
4.0
ns
tS(L)
Pn or DSR or DSL to CP
4.0
4.0
4.0
tH(H)
Hold Time, HIGH or LOW
1.0
1.5
1.0
tH(L)
Pn or DSR or DSL to CP
0
1.0
1.0
tS(H)
Setup Time, HIGH or LOW
10.0
10.5
11.0
ns
tS(L)
Sn to CP
8.0
8.0
8.0
tH(H)
Hold Time, HIGH or LOW
0
0
0
tH(L)
Sn to CP
0
0
0
tW(H)
CP Pulse Width, HIGH
5.0
5.5
5.5
ns
tW(L)
MR Pulse Width, LOW
5.0
5.0
5.0
ns
tREC
Recovery Time MR to CP
9.0
9.0
11.0
ns


同様の部品番号 - 74F194

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F194 NSC-74F194 Datasheet
162Kb / 8P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Fairchild Semiconductor
74F194 FAIRCHILD-74F194 Datasheet
76Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
National Semiconductor ...
74F194PC NSC-74F194PC Datasheet
162Kb / 8P
   4-Bit Bidirectional Universal Shift Register
logo
Fairchild Semiconductor
74F194PC FAIRCHILD-74F194PC Datasheet
76Kb / 7P
   4-Bit Bidirectional Universal Shift Register
More results

同様の説明 - 74F194

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com