データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F174PC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74F174PC
部品情報  Hex D-Type Flip-Flop with Master Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F174PC データシート(HTML) 1 Page - Fairchild Semiconductor

  74F174PC Datasheet HTML 1Page - Fairchild Semiconductor 74F174PC Datasheet HTML 2Page - Fairchild Semiconductor 74F174PC Datasheet HTML 3Page - Fairchild Semiconductor 74F174PC Datasheet HTML 4Page - Fairchild Semiconductor 74F174PC Datasheet HTML 5Page - Fairchild Semiconductor 74F174PC Datasheet HTML 6Page - Fairchild Semiconductor 74F174PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009489
www.fairchildsemi.com
April 1988
Revised September 2000
74F174
Hex D-Type Flip-Flop with Master Reset
General Description
The 74F174 is a high-speed hex D-type flip-flop. The
device is used primarily as a 6-bit edge-triggered storage
register. The information on the D inputs is transferred to
storage during the LOW-to-HIGH clock transition. The
device has a Master Reset to simultaneously clear all
flip-flops.
Features
s Edge-triggered D-type inputs
s Buffered positive edge-triggered clock
s Asynchronous common reset
s Guaranteed 4000V minimum ESD protection
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74F174SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74F174SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F174PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


同様の部品番号 - 74F174PC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F174PC NSC-74F174PC Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
logo
Fairchild Semiconductor
74F174PC FAIRCHILD-74F174PC Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
More results

同様の説明 - 74F174PC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
logo
Renesas Technology Corp
HD74AC174 RENESAS-HD74AC174 Datasheet
210Kb / 8P
   Hex D-Type Flip-Flop with Master Reset
logo
Hitachi Semiconductor
HD74AC174 HITACHI-HD74AC174 Datasheet
56Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
logo
Fairchild Semiconductor
74AC174 FAIRCHILD-74AC174 Datasheet
99Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
54AC174 NSC-54AC174 Datasheet
140Kb / 8P
   Hex D Flip-Flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
   Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
logo
Fairchild Semiconductor
74LVQ174 FAIRCHILD-74LVQ174_01 Datasheet
65Kb / 6P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com