データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F269SC データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74F269SC
部品情報  8-Bit Bidirectional Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F269SC データシート(HTML) 6 Page - Fairchild Semiconductor

  74F269SC Datasheet HTML 1Page - Fairchild Semiconductor 74F269SC Datasheet HTML 2Page - Fairchild Semiconductor 74F269SC Datasheet HTML 3Page - Fairchild Semiconductor 74F269SC Datasheet HTML 4Page - Fairchild Semiconductor 74F269SC Datasheet HTML 5Page - Fairchild Semiconductor 74F269SC Datasheet HTML 6Page - Fairchild Semiconductor 74F269SC Datasheet HTML 7Page - Fairchild Semiconductor 74F269SC Datasheet HTML 8Page - Fairchild Semiconductor 74F269SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F269 Rev. 1.0.2
6
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°C,
VCC = +5.0V,
CL = 50pF
TA = 0°C to 70°C,
VCC = +5.0V,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Count Frequency
100
MHz
tPLH
Propagation Delay,
CP to Qn (Count-Up)
3.5
8.0
3.5
7.0
ns
tPHL
4.5
10.5
4.5
11.0
tPLH
Propagation Delay,
U/D to TC
3.5
7.5
3.5
10.0
ns
tPHL
4.5
7.5
4.5
11.0
tPLH
Propagation Delay,
CET to TC
3.5
7.0
3.5
10.5
ns
tPHL
3.0
10.5
3.0
11.5
tPLH
Propagation Delay,
CP to TC
4.5
10.0
4.5
10.5
ns
tPHL
5.0
10.0
4.5
10.5
tPLH
Propagation Delay,
CP to Qn (Count-Down)
3.5
10.5
3.5
11.0
ns
tPHL
4.5
10.5
4.5
11.0
tPLH
Propagation Delay,
CP to Qn (Load)
3.5
7.0
3.5
10.0
ns
tPHL
4.0
7.0
4.0
7.0
Symbol
Parameter
TA = +25°C,
VCC = +5.0V
TA = 0°C to 70°C,
VCC = +5.0V
Units
Min.
Max.
Min.
Max.
tS(H)
Setup Time, HIGH or LOW,
Data to CP
3.5
4.0
ns
tS(L)
3.0
3.0
tH(H)
Hold Time, HIGH or LOW,
Data to CP
1.0
2.0
ns
tH(L)
1.0
1.0
tS(H)
Setup Time, HIGH or LOW,
PE to CP
5.5
6.5
ns
tS(L)
5.5
6.5
tH(H)
Hold Time, HIGH or LOW,
PE to CP
00
ns
tH(L)
0
0
tS(H)
Setup Time, HIGH or LOW,
CET or CEP to CP
6.0
6.5
ns
tS(L)
8.0
9.0
tH(H)
Hold Time, HIGH or LOW,
CET or CEP to CP
00
ns
tH(L)
0
0
tW(H)
Clock Pulse Width, HIGH or LOW
3.5
3.5
ns
tW(L)
3.5
4.0
tS(H)
Setup Time, HIGH or LOW,
U/D to CP
8.0
9.5
ns
tS(L)
6.0
7.0
tH(H)
Hold Time, HIGH or LOW,
U/D to CP
0.0
0.0
ns
tH(L)
0.0
0.0


同様の部品番号 - 74F269SC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F269SC FAIRCHILD-74F269SC Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269SC FAIRCHILD-74F269SC Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
More results

同様の説明 - 74F269SC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
   8-bit bidirectional binary counter
1996 Jan 05
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
logo
Motorola, Inc
MC74F269 MOTOROLA-MC74F269 Datasheet
156Kb / 5P
   8-BIT BIDIRECTIONAL BINARY COUNTER
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com