データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F1071 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74F1071
部品情報  18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F1071 データシート(HTML) 3 Page - Fairchild Semiconductor

  74F1071 Datasheet HTML 1Page - Fairchild Semiconductor 74F1071 Datasheet HTML 2Page - Fairchild Semiconductor 74F1071 Datasheet HTML 3Page - Fairchild Semiconductor 74F1071 Datasheet HTML 4Page - Fairchild Semiconductor 74F1071 Datasheet HTML 5Page - Fairchild Semiconductor 74F1071 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics
Typical Forward and Reverse V/I
Characteristics
Typical Reverse Conduction
Characteristics
Typical Forward Conduction
Characteristics
ESD Network
CZ
RZ
Human Body Model
100 pF
1500
:
IEC 801-2
150 pF
330
:
Simulated ESD Voltage Clamping Test Circuit


同様の部品番号 - 74F1071

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F1071 FAIRCHILD-74F1071 Datasheet
91Kb / 6P
   18-Bit Undershoot/Overshoot Clamp
74F1071MSA FAIRCHILD-74F1071MSA Datasheet
91Kb / 6P
   18-Bit Undershoot/Overshoot Clamp
74F1071MTC FAIRCHILD-74F1071MTC Datasheet
91Kb / 6P
   18-Bit Undershoot/Overshoot Clamp
74F1071SC FAIRCHILD-74F1071SC Datasheet
91Kb / 6P
   18-Bit Undershoot/Overshoot Clamp
More results

同様の説明 - 74F1071

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F1071 FAIRCHILD-74F1071 Datasheet
91Kb / 6P
   18-Bit Undershoot/Overshoot Clamp
logo
Texas Instruments
TVS1800 TI1-TVS1800 Datasheet
1Mb / 18P
[Old version datasheet]   18-V Flat-Clamp Surge Protection Device
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Texas Instruments
TVS1801 TI1-TVS1801 Datasheet
367Kb / 15P
[Old version datasheet]   18-V Bidirectional Flat-Clamp Surge Protection Device
logo
ON Semiconductor
NSPM2052 ONSEMI-NSPM2052 Datasheet
373Kb / 8P
   ESD and Surge Protection Device
September, 2021 ??Rev. 3
NSP2201MR6 ONSEMI-NSP2201MR6 Datasheet
267Kb / 8P
   ESD and Surge Protection Device
July, 2019 ??Rev. 0
logo
Texas Instruments
SN74CBTK32245 TI-SN74CBTK32245 Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
SN74CBTK16245 TI-SN74CBTK16245 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com