データシートサーチシステム |
|
74FR244SC データシート(PDF) 3 Page - Fairchild Semiconductor |
|
74FR244SC データシート(HTML) 3 Page - Fairchild Semiconductor |
3 / 6 page 3 www.fairchildsemi.com AC Electrical Characteristics Extended AC Characteristics Note 3: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase, i.e., all LOW-to-HIGH, HIGH-to-LOW, 3-STATE-to-HIGH, etc. Note 4: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load. This specification pertains to single output switching only. Note 5: Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs of the same device. The specifi- cation applies to any outputs switching HIGH-to-LOW, (tOSHL), LOW-to-HIGH, (tOSLH), or HIGH-to-LOW and/or LOW-to-HIGH, (tOST). Specification guaran- teed with all outputs switching in phase. Symbol Parameter TA = +25°CTA = 0°C to +70°C Units VCC = +5.0V VCC = +5.0V CL = 50 pF CL = 50 pF Min Typ Max Min Max tPLH Propagation Delay 1.0 2.6 3.9 1.0 3.9 ns tPHL 1.01.8 3.91.0 3.9 tPZH Output Enable Time 2.5 4.8 6.6 2.5 6.6 ns tPZL 2.53.9 6.62.5 6.6 tPHZ Output Disable Time 1.6 3.7 6.4 1.6 6.4 ns tPLZ 1.63.6 6.41.6 6.4 Symbol Parameter TA = 0°C to +70°CTA = 0°C to +70°C Units VCC = +5.0V VCC = +5.0V CL = 50 pF CL = 250 pF Eight Outputs Switching (Note 4) (Note 3) Min Max Min Max tPLH Propagation Delay 1.0 5.0 2.3 7.3 ns tPHL 1.0 5.0 2.3 7.3 tPZH Output Enable Time 2.5 7.7 ns tPZL 2.5 7.7 tPHZ Output Disable Time 1.6 6.5 ns tPLZ 1.6 6.5 tOSHL Pin-to-Pin Skew 1.6 ns for HL Transitions (Note 5) tOSLH Pin-to-Pin Skew 1.0 ns for LH Transitions (Note 5) tOST Pin-to-Pin Skew 3.5 ns for HL/LH Transitions (Note 5) |
同様の部品番号 - 74FR244SC |
|
同様の説明 - 74FR244SC |