データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM50DL128CH データシート(PDF) 11 Page - SPANSION

部品番号 AM50DL128CH
部品情報  Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

AM50DL128CH データシート(HTML) 11 Page - SPANSION

Back Button AM50DL128CH_04 Datasheet HTML 7Page - SPANSION AM50DL128CH_04 Datasheet HTML 8Page - SPANSION AM50DL128CH_04 Datasheet HTML 9Page - SPANSION AM50DL128CH_04 Datasheet HTML 10Page - SPANSION AM50DL128CH_04 Datasheet HTML 11Page - SPANSION AM50DL128CH_04 Datasheet HTML 12Page - SPANSION AM50DL128CH_04 Datasheet HTML 13Page - SPANSION AM50DL128CH_04 Datasheet HTML 14Page - SPANSION AM50DL128CH_04 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
February 6, 2004
Am50DL128CH
9
ADV ANCE
I N FO RMAT I O N
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD or Fujitsu sales office to
confirm availability of specific valid combinations and to check on
newly released combinations.
Am50DL128
C
H
70
I
T
TAPE AND REEL
T
=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See “Product Selector Guide” on page 5
FLASH PROCESS TECHNOLOGY
H
=
0.13 µm
PSEUDO SRAM DEVICE DENSITY
C
=
64 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am50DL128CH
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Two Am29DL640H 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash
Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM with Page Mode
88-Ball Fine Pitch Ball Grid Array, 11.6 x 8, 0.80 mm pitch package (FTA088)
Valid Combinations
Order Number
Package Marking
Am50DL128CH56I
T,S
M50000004M
Am50DL128CH70I
M50000004N
Am50DL128CH85I
M50000004P


同様の部品番号 - AM50DL128CH_04

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM50DL128CH70IS AMD-AM50DL128CH70IS Datasheet
928Kb / 64P
   STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
AM50DL128CH70IT AMD-AM50DL128CH70IT Datasheet
928Kb / 64P
   STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
More results

同様の説明 - AM50DL128CH_04

メーカー部品番号データシート部品情報
logo
SPANSION
AM50DL128BH SPANSION-AM50DL128BH_04 Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
AM75DL9608HG SPANSION-AM75DL9608HG Datasheet
1Mb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
logo
Advanced Micro Devices
AM50DL128CG AMD-AM50DL128CG Datasheet
888Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
logo
SPANSION
AM50DL9608G SPANSION-AM50DL9608G Datasheet
972Kb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL32XG AMD-AM29DL32XG Datasheet
1,019Kb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com