データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ125 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74LVQ125
部品情報  Low Voltage Quad Buffer with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ125 データシート(HTML) 3 Page - Fairchild Semiconductor

  74LVQ125_01 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ125_01 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ125_01 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ125_01 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ125_01 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Note 10: CPD is measured at 10 MHz.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
1.0
7.8
12.7
1.0
14.0
ns
Data to Output
3.3
± 0.3
1.0
6.5
9.0
1.0
10.0
tPHL
Propagation Delay
2.7
1.0
7.8
12.7
1.0
14.0
ns
Data to Output
3.3
± 0.3
1.0
6.5
9.0
1.0
10.0
tPZH
Output Enable Time
2.7
1.0
7.2
14.8
1.0
16.0
ns
3.3
± 0.3
1.0
6.0
10.5
1.0
11.0
tPZL
Output Enable Time
2.7
1.0
9.0
14.0
1.0
16.0
ns
3.3
± 0.3
1.0
7.5
10.0
1.0
11.0
tPHZ
Output Disable Time
2.7
1.0
9.0
14.0
1.0
15.0
ns
3.3
± 0.3
1.0
7.5
10.0
1.0
10.5
tPLZ
Output Disable Time
2.7
1.0
9.0
14.8
1.0
16.5
ns
3.3
± 0.3
1.0
7.5
10.5
1.0
11.5
tOSHL,
Output to Output Skew (Note 9)
2.7
1.0
1.5
1.5
ns
tOSLH
Data to Output
3.3
± 0.3
1.0
1.5
1.5
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
34
pF
VCC = 3.3V


同様の部品番号 - 74LVQ125_01

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVQ125 STMICROELECTRONICS-74LVQ125_04 Datasheet
232Kb / 12P
   LOW VOLTAGE QUAD BUS BUFFERS (3-STATE)
More results

同様の説明 - 74LVQ125_01

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com