データシートサーチシステム |
|
74LVQ157SC データシート(PDF) 1 Page - Fairchild Semiconductor |
|
74LVQ157SC データシート(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page © 2001 Fairchild Semiconductor Corporation DS011352 www.fairchildsemi.com February 1992 Revised June 2001 74LVQ157 Low Voltage Quad 2-Input Multiplexer General Description The LVQ157 is a high-speed quad 2-input multiplexer. Four bits of data from two sources can be selected using the common Select and Enable inputs. The four outputs present the selected data in the true (non inverted) form. The LVQ157 can also be used as a function generator. Features s Ideal for low power/low noise 3.3V applications s Guaranteed simultaneous switching noise level and dynamic threshold performance s Guaranteed pin-to-pin skew AC performance s Guaranteed incident wave switching into 75 Ω. Ordering Code: Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. Logic Symbols IEEE/IEC Connection Diagram Pin Descriptions Order Number Package Number Package Description 74LVQ157SC M16A 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 74LVQ157SJ M16D 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Pin Names Description I0a–I0d Source 0 Data Inputs I1a–I1d Source 1 Data Inputs E Enable Input S Select Input Za–Zd Outputs |
同様の部品番号 - 74LVQ157SC |
|
同様の説明 - 74LVQ157SC |