データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ273 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74LVQ273
部品情報  Low Voltage Octal D-Type Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ273 データシート(HTML) 3 Page - Fairchild Semiconductor

  74LVQ273 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ273 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ273 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ273 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ273 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ273 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
AC Operating Requirements
Capacitance
Note 10: CPD is measured at 10 MHz.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
2.7
50
45
MHz
Frequency
3.3
± 0.3
90
75
tPLH
Propagation Delay
2.7
4.0
9.6
17.6
3.0
20.0
ns
CP to Qn
3.3
± 0.3
4.0
8.0
12.5
3.0
14.0
tPHL
Propagation Delay
2.7
4.0
10.2
18.3
3.5
20.5
ns
CP to Qn
3.3
± 0.3
4.0
8.5
13.0
3.5
14.5
tPHL
Propagation Delay
2.7
4.0
10.2
18.3
3.5
20.0
ns
MR to Qn
3.3
± 0.3
4.0
8.5
13.0
3.5
14.0
tOSHL
Output to Output
2.7
1.0
1.5
1.5
ns
tOSLH
Skew (Note 9)
3.3
± 0.3
1.0
1.5
1.5
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
2.7
6.5
8.5
ns
Dn to CP
3.3
± 0.3
5.0
6.0
tH
Hold Time, HIGH or LOW
2.7
0.0
0.0
ns
Dn to CP
3.3
± 0.3
0.0
0.0
tW
Clock Pulse Width
2.7
7.0
8.5
ns
HIGH or LOW
3.3
± 0.3
5.5
6.0
tW
MR Pulse Width
2.7
7.0
8.5
ns
HIGH or LOW
3.3
± 0.3
5.5
6.0
tW
Recovery Time
2.7
5.0
6.5
ns
MR to CP
3.3
± 0.3
4.0
4.5
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
35
pF
VCC = 3.3V


同様の部品番号 - 74LVQ273

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVQ273 STMICROELECTRONICS-74LVQ273 Datasheet
72Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
February 1999
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
logo
STMicroelectronics
74LVQ273 STMICROELECTRONICS-74LVQ273 Datasheet
313Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74LVQ273M STMICROELECTRONICS-74LVQ273M Datasheet
72Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
February 1999
74LVQ273MTR STMICROELECTRONICS-74LVQ273MTR Datasheet
313Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results

同様の説明 - 74LVQ273

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
74LVX273 FAIRCHILD-74LVX273 Datasheet
80Kb / 7P
   Low Voltage Octal D-Type Flip-Flop
logo
ON Semiconductor
74LVX273 ONSEMI-74LVX273 Datasheet
198Kb / 9P
   Low Voltage Octal D-Type Flip-Flop
Revised April 2005
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com