データシートサーチシステム |
|
74VCXH162244MTD データシート(PDF) 1 Page - Fairchild Semiconductor |
|
74VCXH162244MTD データシート(HTML) 1 Page - Fairchild Semiconductor |
1 / 8 page © 2005 Fairchild Semiconductor Corporation DS500231 www.fairchildsemi.com January 2000 Revised June 2005 74VCXH162244 Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26 : Series Resistor in Outputs General Description The VCXH162244 contains sixteen non-inverting buffers with 3-STATE outputs to be employed as a memory and address driver, clock driver, or bus oriented transmitter/ receiver. The device is nibble (4-bit) controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation. The VCXH162244 data inputs include active bushold cir- cuitry, eliminating the need for external pull-up resistors to hold unused or floating data inputs at a valid logic level The 74VCXH162244 is also designed with 26 : series resistors in the outputs. This design reduces line noise in applications such as memory address drivers, clock driv- ers, and bus transceivers/transmitters. The 74VCXH162244 is designed for low voltage (1.4V to 3.6V) VCC applications with output capability up to 3.6V. The 74VCXH162244 is fabricated with an advanced CMOS technology to achieve high speed operation while maintain- ing low CMOS power dissipation. Features s 1.4V to 3.6V VCC supply operation s 3.6V tolerant control inputs and outputs s Bushold on data inputs eliminates the need for external pull-up/pull-down resistors s 26 : series resistors in outputs s tPD 3.3 ns max for 3.0V to 3.6V VCC s Static Drive (IOH/IOL) r12 mA @ 3.0V VCC s Uses patented noise/EMI reduction circuitry s Latch-up performance exceeds 300 mA s ESD performance: Human body model ! 2000V Machine model ! 200V Ordering Code: Note 1: Use this Order Number to receive devices in Tape and Reel. Logic Symbol Pin Descriptions Order Number Package Package Description Number 74VCXH162244MTD MTD48 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide [TUBES] 74VCXH162244MTX (Note 1) MTD48 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide [TAPE and REEL] Pin Names Description OEn Output Enable Input (Active LOW) I0–I15 Bushold Inputs O0–O15 Outputs |
同様の部品番号 - 74VCXH162244MTD |
|
同様の説明 - 74VCXH162244MTD |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |