データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCXH162244MTX データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74VCXH162244MTX
部品情報  Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH162244MTX データシート(HTML) 4 Page - Fairchild Semiconductor

  74VCXH162244MTX Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 5: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 6: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 7: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 - 3.6
0.2
V
IOL 6 mA
2.7
0.4
IOL 8 mA
3.0
0.55
IOL 12 mA
3.0
0.8
IOL 100 PA
2.3 - 2.7
0.2
IOL 6 mA
2.3
0.4
IOL 8 mA
2.3
0.6
IOL 100 PA
1.65 - 2.3
0.2
IOL 3 mA
1.65
0.3
IOL 100 PA
1.4 - 1.6
0.2
IOL 1 mA
1.4
0.35
II
Input Leakage Current
Control Pins
0
d VI d 3.6V
1.4 - 3.6
r5.0
PA
Data Pins
VI VCC or GND
1.4 - 3.6
r5.0
II(HOLD)
Bushold Input Minimum
VIN 0.8V
3.0
75
PA
Drive Hold Current
VIN 2.0V
3.0
75
VIN 0.7V
2.3
45
VIN 1.6V
2.3
45
VIN 0.57V
1.65
25
VIN 1.07V
1.65
25
II(OD)
Bushold Input Over-Drive
(Note 5)
3.6
450
PA
Current to Change State
(Note 6)
3.6
450
(Note 5)
2.7
300
(Note 6)
2.7
300
(Note 5)
1.95
200
(Note 6)
1.95
200
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
2.7 - 3.6
r10.0
PA
VI VIH or VIL
IOFF
Power-OFF Leakage Current
0
d (VO) d 3.6V
0
10.0
PA
ICC
Quiescent Supply Current
VI VCC or GND
2.7 - 3.6
20.0
PA
VCC d (VO) d 3.6V (Note 7)
2.7 - 3.6
r20.0
PA
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.7 - 3.6
750
PA


同様の部品番号 - 74VCXH162244MTX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCXH162244MTX FAIRCHILD-74VCXH162244MTX Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
More results

同様の説明 - 74VCXH162244MTX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com