データシートサーチシステム |
|
ISL5314 データシート(PDF) 3 Page - Intersil Corporation |
|
ISL5314 データシート(HTML) 3 Page - Intersil Corporation |
3 / 16 page 3 Functional Description The ISL5314 is an NCO with an integrated 14-bit DAC designed to run in excess of 125MSPS. The NCO is a 16-bit output design, which is rounded to fourteen bits for input to the DAC. The frequency control is the sum of a 48-bit center frequency word, a 48-bit offset frequency word, and a 40-bit serially loaded tuning word. The three components are added modulo 48 bits with the alignment shown in Table 1. Each of the three terms can be zeroed independently (via the microprocessor interface for the center and serial frequency registers and via the ENOFR pin for the offset frequency term). Frequency Generation The output frequency of the part is determined by the summation of three registers: fOUT = fCLK x ((CF + OF +SF) mod (2 48))/ (248), where CF is the center frequency register, OF is the offset frequency register, SF is the serial frequency register and fCLK is the DDS clock rate. With a 125MSPS clock rate, the center frequency can be programmed to (125 x 106)/(248) = 0.4 µHz resolution. The addition of the frequency control words can be interpreted as two’s complement if convenient. For example, if the center frequency is set to 4000...00h and the offset frequency set to C000..00h, the programmed center frequency would be fCLK/4 and the programmed offset frequency -fCLK/4. The sum would be 10000..00h, but because only the lower 48 bits are retained, the effective frequency would be 0. In reality, frequencies above 8000...00h alias below fCLK/2 (the output of the part is real), so the MSB is only provided as a convenience for two’s complement calculations. The frequency control of the NCO is the change in phase per clock period or d φ/dt. This is integrated by the phase accumulator to obtain frequency. The most significant 24 bits of phase are then mapped to 16 bits of amplitude in a sine look-up table function. The range of d φ/dt is 0–1 with 1 equaling 360 degrees or (2 x pi) per clock period. The phase accumulator output is also 0–1 with 1 equaling 360 degrees. The operations are modulo 48 bits because the MSB (bit 47) aligns with the most significant address bit of the sine ROM and the ROM contains one cycle of a sinusoid. The MSB is weighted at 180 degrees. Full scale is 360 degrees minus one LSB and the phase then rolls over to 0 degrees for the next cycle of the sinusoid. The DDS can be clocked with either a sinusoidal or a square wave. Refer to the digital inputs VIH and VIL values in the electrical specifications table. Parallel Interface The processor interface is an 8-bit parallel write only interface. The interface consists of eight data bits (C7:C0), four address pins (A3:A0), a write strobe (WR), and a write enable (WE). The interface is a master/slave type. The processor interface loads a set of master registers. The contents of the master set of registers is then transferred to a slave set of registers by asserting a pin (UPDATE). This allows all of the bits of the frequency control to be updated simultaneously. The rate which the user writes (WR) to these registers does not have to be the same rate as the DDS clock rate (the rate of the NCO and DAC; pin CLK). It is expected that most applications will have a slower register write rate than the DDS clock rate. It takes one WR cycle at the write rate for each register that is written and another eleven CLK cycles at the DDS rate to write and obtain a new output, assuming that the UPDATE pin is always active. If the UPDATE pin is not active until after the new word has been written, it takes fourteen CLK cycles, rather than eleven. For cases which require the output to be updated with all of the new frequency information present, it is necessary that the UPDATE be inactive until after all of the new frequency word has been written to the device. See the Timing Diagrams for more information. The parallel registers can be written at a rate of CLK/2, such that updated control words can be pipelined. If the application does not require all registers to be written, then the output frequency can be changed more quickly. For example, if only 32 bits of frequency information are needed and it is desired that the output be updated all at once, then it takes four WR cycles, then the assertion low of the UPDATE pin, plus another fourteen CLK cycles at the DDS rate to write and update a new frequency. The timing is the same whether writing to the center or offset frequency registers. For faster frequency update, consider the ENOFR (Enable Offset Frequency Register) option. Once the values have been written to the center and offset frequency registers, the user can enable and disable the offset frequency register, which is added to the center frequency value when enabled. The ENOFR pin has a latency of fourteen CLK cycles, but simplifies the interface because the only pin that has to be toggled is the ENOFR pin. See the FSK explanation for more information. Serial Interface A serial interface is provided for loading a tuning frequency. This interface can be asynchronous to the master clock of the part. When the tuning word has been shifted into the part, it is loaded into a holding register by the serial interface clock, SCLK. This loading triggers a synchronization circuit to transfer the data to a slave register synchronous with the master clock. A minimum of eleven serial clocks (at minimum serial word size of eight) are necessary to complete the transfer to the slave register. Another twelve DDS CLK cycles are necessary before the output of the DDS reflects the new frequency. Serial loading latency = ((8 x N + 3) x SCLK)+ 12 x fCLK, ISL5314 |
同様の部品番号 - ISL5314 |
|
同様の説明 - ISL5314 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |