データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL5416 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL5416
部品情報  Four-Channel Wideband Programmable DownConverter
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5416 データシート(HTML) 1 Page - Intersil Corporation

  ISL5416_04 Datasheet HTML 1Page - Intersil Corporation ISL5416_04 Datasheet HTML 2Page - Intersil Corporation ISL5416_04 Datasheet HTML 3Page - Intersil Corporation ISL5416_04 Datasheet HTML 4Page - Intersil Corporation ISL5416_04 Datasheet HTML 5Page - Intersil Corporation ISL5416_04 Datasheet HTML 6Page - Intersil Corporation ISL5416_04 Datasheet HTML 7Page - Intersil Corporation ISL5416_04 Datasheet HTML 8Page - Intersil Corporation ISL5416_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
1
®
FN6006.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL5416
Four-Channel Wideband Programmable
DownConverter
The ISL5416 Four-Channel Wideband Programmable Digital
DownConverter (WPDC) is designed for high dynamic range
applications such as cellular basestations where the
processing of multiple channels is required in a small
physical space. The WPDC combines four channels in a
single package, each including: an NCO, a digital mixer,
digital filters, an AGC and a resampling filter.
All channels are independently programmable and may be
updated in real time. Each of the four channels can select
any of the four digital input buses. Each of the tuners can
process a W-CDMA channel. Channels may be cascaded or
polyphased for increased bandwidth. Selectable outputs
include I samples, Q samples, and AGC gain. Outputs from
the part are available over the parallel, serial or uP
interfaces.
Features
• Up to 95MSPS Input
• Four Parallel 16-bit Fixed or 17-bit Floating Point Inputs
• Programmable RF Attenuator/VGA Control
• 32-Bit Programmable Carrier NCO with > 110dB SFDR
• 20-bit Internal Data Path
• Filter Functions
- Multi-Stage Cascaded-Integrator-Comb (CIC) Filter
- Two programmable FIR Filters (first up to 32-taps,
second up to 64-taps)
- Half Band Interpolation Filter
- Resampling FIR Filter
• Overall decimation from 1 to >4096
• Digital AGC with up to 96dB of Gain Range
• Up to Four Independent 16-bit Parallel Outputs
• Serial Output Option
• 16-bit Parallel
µP Interface
• 1.8V core, 3.3V I/O Operation
• Evaluation Board and Configuration Software available
• Pb-free available
Applications
• Basestation Receivers: GSM/EDGE, CDMA2000, UMTS.
Block Diagram
Ordering Information
PART
NUMBER
TEMP
RANGE (oC)
PACKAGE
PKG. DWG. #
ISL5416KI
-40 to 85
256 BGA
V256.17x17
ISL5416KIZ
(See Note)
-40 to 85
256 BGA
(Pb-free)
V256.17x17
ISL5416EVAL1
25
EVALUATION KIT
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which is
compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
INPUT
SELECT
CLOCK &
FORMAT
NCO
MIXER
CIC
FIR1
FILTER
FIR2
FILTER
AGC
IHBF
RESAMPLER
AOUT(15:8)
AOUT(7:0)
FSYNCA
OEA
TEST
REGISTER
AIN(16:0)
ENIA
CLKA
INPUT A
CHANNEL O
OUTPUT
I
Q
I
Q
I
Q
I
Q
I
Q
I
Q
INPUT D
INPUT C
INPUT B
CHANNEL 2
CHANNEL 1
CHANNEL 3
RF ATTENUATOR
VGA CONTROL
EOUT(15:0)
CLKO1
CLKO2
/INTRPT
JTAG
SYNCHRONIZATION
µP INTERFACE
SYNCO SYNCIN1 SYNCIN2
RESET
Data Sheet
August 2004


同様の部品番号 - ISL5416_04

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5416EVAL INTERSIL-ISL5416EVAL Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416EVAL1 INTERSIL-ISL5416EVAL1 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
logo
Renesas Technology Corp
ISL5416EVAL1 RENESAS-ISL5416EVAL1 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
More results

同様の説明 - ISL5416_04

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com