データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL43111IH-T データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL43111IH-T
部品情報  Low-Voltage, Single Supply, SPST, High Performance Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43111IH-T データシート(HTML) 2 Page - Intersil Corporation

  ISL43111IH-T Datasheet HTML 1Page - Intersil Corporation ISL43111IH-T Datasheet HTML 2Page - Intersil Corporation ISL43111IH-T Datasheet HTML 3Page - Intersil Corporation ISL43111IH-T Datasheet HTML 4Page - Intersil Corporation ISL43111IH-T Datasheet HTML 5Page - Intersil Corporation ISL43111IH-T Datasheet HTML 6Page - Intersil Corporation ISL43111IH-T Datasheet HTML 7Page - Intersil Corporation ISL43111IH-T Datasheet HTML 8Page - Intersil Corporation ISL43111IH-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6028.3
April 12, 2005
Pinouts (Note 1)
ISL43110 (SOIC)
TOP VIEW
ISL43110 (SOT-23)
TOP VIEW
ISL43111 (SOIC)
TOP VIEW
ISL43111 (SOT-23)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
COM
GND
V+
NO
IN
6
7
8
5
1
2
3
4
N.C.
N.C.
N.C.
4
5
1
2
3
COM
V+
GND
NO
IN
COM
GND
V+
NC
IN
6
7
8
5
1
2
3
4
N.C.
N.C.
N.C.
4
5
1
2
3
COM
V+
GND
NC
IN
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+2.4V to +12V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
Truth Table
LOGIC
ISL43110
ISL43111
0OFF
ON
1ON
OFF
NOTE: Logic “0”
≤ 0.8V. Logic “1” ≥ 2.4V.
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL43110IB
-40 to 85
8 Ld SOIC
M8.15
ISL43110IB-T
-40 to 85
Tape and Reel
M8.15
ISL43110IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL43110IBZ-T (Note)
-40 to 85
Tape and Reel
(Pb-free)
M8.15
ISL43110IH-T (110I)
-40 to 85
5 Ld SOT-23, Tape
and Reel
P5.064
ISL43110IHZ-T (110I)
(Note)
-40 to 85
5 Ld SOT-23, Tape
and Reel (Pb-free)
P5.064
ISL43111IB
-40 to 85
8 Ld SOIC
M8.15
ISL43111IB-T
-40 to 85
Tape and Reel
M8.15
ISL43111IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL43111IBZ-T (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL43111IH-T (111I)
-40 to 85
5 Ld SOT-23, Tape
and Reel
P5.064
ISL43111IHZ-T (111I)
(Note)
-40 to 85
5 Ld SOT-23, Tape
and Reel (Pb-free)
P5.064
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL43110, ISL43111


同様の部品番号 - ISL43111IH-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43111IH-T INTERSIL-ISL43111IH-T Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
More results

同様の説明 - ISL43111IH-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com