データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL43143IR データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL43143IR
部品情報  Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43143IR データシート(HTML) 5 Page - Intersil Corporation

  ISL43143IR Datasheet HTML 1Page - Intersil Corporation ISL43143IR Datasheet HTML 2Page - Intersil Corporation ISL43143IR Datasheet HTML 3Page - Intersil Corporation ISL43143IR Datasheet HTML 4Page - Intersil Corporation ISL43143IR Datasheet HTML 5Page - Intersil Corporation ISL43143IR Datasheet HTML 6Page - Intersil Corporation ISL43143IR Datasheet HTML 7Page - Intersil Corporation ISL43143IR Datasheet HTML 8Page - Intersil Corporation ISL43143IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6037.3
December 1, 2005
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
26
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
34
-
pF
OFF Isolation
RL = 50Ω, CL = 15pF, f = 1MHz,
VNO or VNC = 1VRMS, See Figures 4 and 6
25
-
71
-
dB
Crosstalk, Note 9
25
-
-89
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
58
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
±2-
±6V
Positive Supply Current, I+
VS = ±5.5V, VIN = 0V or V+, Switch On or Off
25
-1
0.01
1
µA
Full
-1
-
1
µA
Negative Supply Current, I-
25
-1
0.01
1
µA
Full
-1
-
1
µA
NOTES:
6. VIN = Input voltage to perform proper function.
7. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
8. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25°C.
9. Flatness is defined as the delta between the maximum and minimum RON values over the specified voltage range.
10. Between any two switches.
Electrical Specifications: 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 6)
TYP
MAX
(NOTE 6)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3.5V,
See Figure 5
25
-
30
40
Full
-
-
50
RON Matching Between Channels,
∆RON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3V
25
-
0.5
3
Full
-
-
4
RON Flatness, RFLAT(ON)
V+ = 5.5V, ICOM = 1.0mA, VNO or VNC = 1V, 2V, 3V,
Note 8
25
-
4.4
6
Full
-
-
8
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V,
Note 7
25
-0.1
-
0.1
nA
Full
-2.5
-
2.5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V,
Note 7
25
-0.1
-
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 5.5V, VCOM = VNO or VNC = 1V, 4.5V, Note 7
25
-0.2
-
0.2
nA
Full
-5
-
5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
1.5
-
V
Input Voltage Low, VINL
Full
-
1.4
0.8
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
Full
-1
-
1
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 1
25
-
64
80
ns
Full
-
-
90
ns
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 1
25
-
29
40
ns
Full
-
-
45
ns
Break-Before-Make Time Delay
(ISL43145 only), tD
V+ = 5.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 3
Full
15
39
-
ns
Electrical Specifications:
±5V Supply Test Conditions: V
SUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 6)
MIN
TYP
(NOTE 6)
MAX
UNITS
ISL43143, ISL43144, ISL43145


同様の部品番号 - ISL43143IR

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43143IR INTERSIL-ISL43143IR Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43143IR INTERSIL-ISL43143IR Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
logo
Renesas Technology Corp
ISL43143IR RENESAS-ISL43143IR Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43143IRZ INTERSIL-ISL43143IRZ Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
logo
Renesas Technology Corp
ISL43143IRZ RENESAS-ISL43143IRZ Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results

同様の説明 - ISL43143IR

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com