データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL43142IB データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL43142IB
部品情報  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43142IB データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL43142IB Datasheet HTML 7Page - Intersil Corporation ISL43142IB Datasheet HTML 8Page - Intersil Corporation ISL43142IB Datasheet HTML 9Page - Intersil Corporation ISL43142IB Datasheet HTML 10Page - Intersil Corporation ISL43142IB Datasheet HTML 11Page - Intersil Corporation ISL43142IB Datasheet HTML 12Page - Intersil Corporation ISL43142IB Datasheet HTML 13Page - Intersil Corporation ISL43142IB Datasheet HTML 14Page - Intersil Corporation ISL43142IB Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and V-. One
of these diodes conducts if any analog signal exceeds V+
or V-.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or V-. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or V- and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and V- pins constitutes the analog-signal-
path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and GND.
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs POSITIVE SUPPLY VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
V+ (V)
2468
10
12
0
50
100
150
200
250
300
3579
11
13
-40°C
85°C
25°C
V- = 0V
40
60
80
100
120
50
60
70
80
90
100
40
V- = -3V
V- = -5V
VCOM = (V+) - 1V
ICOM = 1mA
-40°C
85°C
25°C
-40°C
85°C
25°C
VCOM (V)
0246
8
10
12
20
30
40
50
60
70
80
1
3579
11
-40°C
85°C
V+ = 12V
V- = 0V
55
75
95
115
135
50
100
150
200
250
25°C
V+ = 3V
V+ = 5V
25°C
-40°C
85°C
25°C
-40°C
85°C
V- = 0V
V- = 0V
ICOM = 1mA
VCOM (V)
-4
-2
024
30
50
70
90
-5
-3
-1
1
3
5
VS = ±5V
40
60
80
100
120
VS = ±3V
60
100
140
180
ICOM = 1mA
VS = ±2V
25°C
85°C
25°C
-40°C
85°C
25°C
-40°C
85°C
-40°C
VCOM (V)
-5
0
5
10
-10
-5
0
5
-2.5
2.5
7.5
12.5
-7.5
-2.5
2.5
VS = ±5V
V+ = 5V
V+ = 3V
V+ = 12V
ISL43140, ISL43141, ISL43142


同様の部品番号 - ISL43142IB

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43142IB INTERSIL-ISL43142IB Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43142IBZ INTERSIL-ISL43142IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
logo
Renesas Technology Corp
ISL43142IBZ RENESAS-ISL43142IBZ Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results

同様の説明 - ISL43142IB

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com