データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL43410IRZ-T データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL43410IRZ-T
部品情報  Low-Voltage, Single Supply, DPDT High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43410IRZ-T データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL43410IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL43410IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL43410IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL43410IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL43410IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL43410IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL43410IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL43410IRZ-T Datasheet HTML 12Page - Intersil Corporation ISL43410IRZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6044.3
January 16, 2006
FIGURE 13. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN - OFF TIME vs SUPPLY VOLTAGE
FIGURE 15. ADDRESS TRANS TIME vs SUPPLY VOLTAGE
FIGURE 16. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 17. FREQUENCY RESPONSE
FIGURE 18. CROSSTALK AND OFF ISOLATION
Typical Performance Curves T
A = 25°C, Unless Otherwise Specified (Continued)
V+ (V)
23456789
10
11
12
VCOM = (V+) - 1V
50
100
150
200
250
300
350
0
-40
°C
85
°C
25
°C
V+ (V)
23456789
10
11
12
VCOM = (V+) - 1V
10
20
30
40
50
60
70
80
90
100
110
120
85
°C
-40
°C
25
°C
V+ (V)
23456789
10
11
12
VCOM = (V+) - 1V
50
100
150
200
250
300
350
0
-40
°C
85
°C
25
°C
02
46
8
10
12
-5
-4
-3
-2
-1
0
1
2
3
VCOM (V)
V+ = 3.3V
V+ = 5V
V+ = 12V
FREQUENCY (MHz)
+3
0
-3
GAIN
PHASE
0
45
90
135
180
1
10
100
600
RL = 50Ω
VIN = 0.2VP-P (V+ = 13V)
VIN = 5VP-P (V+ = 13V)
VIN = 0.2VP-P (V+ = 3V)
VIN = 2.5VP-P (V+ = 3V)
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3V to 12V
ISL43410


同様の部品番号 - ISL43410IRZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43410IRZ-T INTERSIL-ISL43410IRZ-T Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
ISL43410IRZ-T INTERSIL-ISL43410IRZ-T Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410IRZ-T RENESAS-ISL43410IRZ-T Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
More results

同様の説明 - ISL43410IRZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com