データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL43L121IR データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL43L121IR
部品情報  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L121IR データシート(HTML) 2 Page - Intersil Corporation

  ISL43L121IR Datasheet HTML 1Page - Intersil Corporation ISL43L121IR Datasheet HTML 2Page - Intersil Corporation ISL43L121IR Datasheet HTML 3Page - Intersil Corporation ISL43L121IR Datasheet HTML 4Page - Intersil Corporation ISL43L121IR Datasheet HTML 5Page - Intersil Corporation ISL43L121IR Datasheet HTML 6Page - Intersil Corporation ISL43L121IR Datasheet HTML 7Page - Intersil Corporation ISL43L121IR Datasheet HTML 8Page - Intersil Corporation ISL43L121IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6091.2
June 23, 2006
Pinouts (Note 1)
ISL43L120 (MSOP, TDFN)
TOP VIEW
ISL43L122 (MSOP, TDFN)
TOP VIEW
ISL43L121 (MSOP, TDFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
NO1
COM1
IN2
GND
V+
COM2
NO2
IN1
6
7
8
5
1
2
3
4
NO1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
NC1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
Ordering Information
PART
NUMBER*
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL43L120IU
L120
-40 to 85 8 Ld MSOP
M8.118
ISL43L120IR
L10
-40 to 85 8 Ld 3x3 TDFN
L8.3x3A
ISL43L121IU
L121
-40 to 85 8 Ld MSOP
M8.118
ISL43L121IR
L11
-40 to 85 8 Ld 3x3 TDFN
L8.3x3A
ISL43L122IU
L122
-40 to 85 8 Ld MSOP
M8.118
ISL43L122IR
L12
-40 to 85 8 Ld 3x3 TDFN
L8.3x3A
ISL43L120IUZ
(Note)
L120Z
-40 to 85 8 Ld MSOP
(Pb-free)
M8.118
ISL43L120IRZ
(Note)
L10Z
-40 to 85 8 Ld 3x3 TDFN
(Pb-free)
L8.3x3A
ISL43L121IUZ
(Note)
L121Z
-40 to 85 8 Ld MSOP
(Pb-free)
M8.118
ISL43L121IRZ
(Note)
L11Z
-40 to 85 8 Ld 3x3 TDFN
(Pb-free)
L8.3x3A
ISL43L122IUZ
(Note)
L122Z
-40 to 85 8 Ld MSOP
(Pb-free)
M8.118
ISL43L122IRZ
(Note)
L12Z
-40 to 85 8 Ld 3x3 TDFN
(Pb-free)
L8.3x3A
*Add “-T” suffix for tape and reel
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Truth Table
LOGIC
ISL43L120
ISL43L121
ISL43L122
SW 1, 2
SW 1, 2
SW 1
SW 2
0OFF
ON
OFF
ON
1
ON
OFF
ON
OFF
NOTE:
Logic “0”
≤ 0.5V. Logic “1” ≥ 1.4V with a 3V Supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.65V to +3.6V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
ISL43L120, ISL43L121, ISL43L122


同様の部品番号 - ISL43L121IR

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43L121IR INTERSIL-ISL43L121IR Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43L121IR RENESAS-ISL43L121IR Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L121IR-T INTERSIL-ISL43L121IR-T Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L121IRZ INTERSIL-ISL43L121IRZ Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43L121IRZ RENESAS-ISL43L121IRZ Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
More results

同様の説明 - ISL43L121IR

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710 Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com