データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22326UFV14Z データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL22326UFV14Z
部品情報  Dual Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22326UFV14Z データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL22326UFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 10Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 11Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 12Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6176.0
July 17, 2006
An ACK, Acknowledge, is a software convention used to
indicate a successful data transfer. The transmitting device,
either master or slave, releases the SDA bus after
transmitting eight bits. During the ninth clock cycle, the
receiver pulls the SDA line LOW to acknowledge the
reception of the eight bits of data (See Figure 17).
The ISL22326 responds with an ACK after recognition of a
START condition followed by a valid Identification Byte, and
once again after successful receipt of an Address Byte. The
ISL22326 also responds with an ACK after receiving a Data
Byte of a write operation. The master must respond with an
ACK after receiving a Data Byte of a read operation.
A valid Identification Byte contains 1010 as the four MSBs,
and the following three bits matching the logic values
present at pins A2, A1, and A0. The LSB is the Read/Write
bit. Its value is “1” for a Read operation, and “0” for a Write
operation (See Table 3).
TABLE 3. IDENTIFICATION BYTE FORMAT
1010
A2
A1
A0
R/W
(MSB)
(LSB)
Logic values at pins A2, A1, and A0 respectively
SDA
SCL
START
DATA
DATA
STOP
STABLE
CHANGE
DATA
STABLE
FIGURE 16. VALID DATA CHANGES, START AND STOP CONDITIONS
SDA OUTPUT FROM
TRANSMITTER
SDA OUTPUT FROM
RECEIVER
8
1
9
START
ACK
SCL FROM
MASTER
HIGH IMPEDANCE
HIGH IMPEDANCE
FIGURE 17. ACKNOWLEDGE RESPONSE FROM RECEIVER
S
T
A
R
T
S
T
O
P
IDENTIFICATION
BYTE
ADDRESS
BYTE
DATA
BYTE
A
C
K
SIGNALS FROM
THE MASTER
SIGNALS FROM
THE SLAVE
A
C
K
1
0
1
00
A
C
K
WRITE
SIGNAL AT SDA
00 0 0
A0
A1
A2
0
FIGURE 18. BYTE WRITE SEQUENCE
ISL22326


同様の部品番号 - ISL22326UFV14Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22326UFV14Z RENESAS-ISL22326UFV14Z Datasheet
972Kb / 17P
   Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

同様の説明 - ISL22326UFV14Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com