データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59115 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL59115
部品情報  Triple Channel Video Driver with LPF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59115 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL59115 Datasheet HTML 2Page - Intersil Corporation ISL59115 Datasheet HTML 3Page - Intersil Corporation ISL59115 Datasheet HTML 4Page - Intersil Corporation ISL59115 Datasheet HTML 5Page - Intersil Corporation ISL59115 Datasheet HTML 6Page - Intersil Corporation ISL59115 Datasheet HTML 7Page - Intersil Corporation ISL59115 Datasheet HTML 8Page - Intersil Corporation ISL59115 Datasheet HTML 9Page - Intersil Corporation ISL59115 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
FN6185.2
September 21, 2006
ISL59115
Ultra Thin Quad Flat No-Lead Plastic Package (UTQFN)
6
B
E
A
D
0.10 C
2X
2
0.10 M C A B
0.05 M C
(ND-1) X e
C
0.05 C
A
0.10 C
A1
SEATING PLANE
e
INDEX AREA
PIN #1 ID
3
5
(DATUM A)
(DATUM B)
N-1
1
N
NX L
NX b
2
1
N
TOP VIEW
BOTTOM VIEW
SIDE VIEW
NX (b)
SECTION "C-C"
FOR ODD TERMINAL/SIDE
e
CC
5
C
L
TERMINAL TIP
(A1)
L
DETAIL “A” PIN 1 ID
L
0.05 MIN
0.10 MIN
0.10 C
2X
4xk
b
L10.2.1x1.6A
10 LEAD ULTRA THIN QUAD FLAT NO-LEAD PLASTIC
PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.45
0.50
0.55
-
A1
-
-
0.05
-
A3
0.127 REF
-
b
0.15
0.20
0.25
5
D
2.05
2.10
2.15
-
E
1.55
1.60
1.65
-
e
0.50 BSC
-
k0.20
--
-
L
0.35
0.40
0.45
-
N10
2
Nd
4
3
Ne
1
3
θ
0-
12
4
Rev. 3 6/06
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on D and E side,
respectively.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Maximum package warpage is 0.05mm.
8. Maximum allowable burrs is 0.076mm in all directions.
9. Same as JEDEC MO-255UABD except:
No lead-pull-back, "A" MIN dimension = 0.45 not 0.50mm
"L" MAX dimension = 0.45 not 0.42mm.
10. For additional information, to assist with the PCB Land Pattern
Design effort, see Intersil Technical Brief TB389.
2.00
0.80
1.75
0.25
0.50
0.275
2.50
LAND PATTERN 10


同様の部品番号 - ISL59115

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL59115 RENESAS-ISL59115 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
ISL59115IRUZ-T7 RENESAS-ISL59115IRUZ-T7 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
More results

同様の説明 - ISL59115

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59119 INTERSIL-ISL59119 Datasheet
986Kb / 10P
   Triple Channel Video Driver with LPF
ISL59117 INTERSIL-ISL59117 Datasheet
365Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59117 RENESAS-ISL59117 Datasheet
629Kb / 10P
   Triple Channel Video Driver with LPF
ISL59115 RENESAS-ISL59115 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
ISL59123 RENESAS-ISL59123 Datasheet
767Kb / 10P
   Triple Channel Video Driver with LPF
logo
Intersil Corporation
ISL59123 INTERSIL-ISL59123 Datasheet
497Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59119 RENESAS-ISL59119 Datasheet
1Mb / 11P
   Triple Channel SD Video Driver with LPF
logo
Rohm
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com